Electronic Components Datasheet Search
  English  ▼

X  

MAX4023EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX4023EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 18Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 19Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 20Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
______________________________________________________________________________________
17
Selector Guide
PART
PIN-PACKAGE
NO. OF
VIDEO MUX-
AMPS
AMPLIFIER
GAIN (V/V)
MAX4023
16 SO/QSOP
3
≥+1
MAX4024
14 SO/TSSOP
3
+2
MAX4025
20 SO/TSSOP
4
≥+1
MAX4026
20 SO/TSSOP
4
+2
Chip Information
TRANSISTOR COUNT: 655
PROCESS: Bipolar
Figure 3. Small-Signal Bandwidth vs. Frequency with
Capacitive Load and No Isolation Resistor
MAX4023/MAX4025
SMALL-SIGNAL BANDWIDTH
vs. FREQUENCY vs. CL
FREQUENCY (MHz)
100
10
1.0
-4
-3
-2
-1
0
1
2
3
4
5
-5
1000
CL = 15pF
CL = 10pF
CL = 5pF
CL = 0pF
Figure 4. Using an Isolation Resistor (RISO) for a High-
Capacitive Load
RISO
RL
CL
RT
75
Ω
REF
OUT_
IN_A
IN_B
A/B
EN
75
Ω CABLE
RT
75
Ω
75
Ω CABLE
MAX4024
MAX4026
Figure 5. Optimal Isolation Resistance vs. Capacitive Load
OPTIMAL ISOLATION RESISTOR
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
150
200
100
50
10
20
30
40
50
0
0
250
MAX4023
RL = 150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com