Electronic Components Datasheet Search
  English  ▼

X  

MAX4184ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
8
_______________________________________________________________________________________
1
OUT
SIN
TOP VIEW
Note 1: The MAX418_EUT is 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design.
Note 2: Does not include current into the external-feedback network.
Note 3: Over operating supply-voltage range.
Note 4: Specification applies to MAX4180/MAX4181/MAX4183 and MAX4185.
Note 5: The AC specifications shown are not measured in a production test environment. The minimum AC specifications given are
based on the combination of worst-case design simulations along with a sample characterization of units. These minimum
specifications are for design guidance only and are not intended to guarantee AC performance (see AC
Testing/
Performance). For 100% testing of those parameters, contact the factory.
4
3
2
1
-6
1
100
10
1000
MAX4180 SMALL-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
RF = RG = 1.2kΩ
RL = 1kΩ
RF = RG = 680Ω
RL = 100Ω
OR
RF = RG = 820Ω
RL = 150Ω
VIN = 20mVp-p
AV = +2V/V
4
3
2
1
-6
1
100
10
1000
MAX4180 SMALL-SIGNAL GAIN
vs. FREQUENCY (SINGLE SUPPLY)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
RF = RG = 1.2kΩ
RL = 1kΩ
RF = RG = 680Ω
RL = 100Ω
OR
RF = RG = 820Ω
RL = 150Ω
VCC = +5V
VIN = 20mVp-p
AV = +2V/V
4
3
2
1
-6
1
100
10
1000
MAX4181 SMALL-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
RF = 1kΩ
RL = 150Ω
OR
RF = 560Ω
RL = 100Ω
VIN = 20mVp-p
AV = +1V/V
RF = 2.4kΩ
RL = 1kΩ
AC ELECTRICAL CHARACTERISTICS—Single Supply (MAX4181/4184/4185/4187) (cont.)
(VCC = +5V, VEE = 0V, VIN+ = 2.5V, SHDN ≥ 3V, AV = +1V/V; see Table 1 for RF values; TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
(Positive Input)
CIN+
1.5
pF
Output Impedance
ZOUT
4.8
Ω
Disabled Output Capacitance
COUT(OFF)
4
pF
Turn-On Time from SHDN
tON
40
ns
Turn-Off Time to SHDN
tOFF
400
ns
Power-Up Time
200
µs
Crosstalk
-60
dB
Gain Matching to 0.1dB
25
MHz
Input Noise Voltage Density
en
2
nV/
√Hz
NTSC
Differential Gain Error
CONDITIONS
DG
f = 10kHz
0.10
%
0.03
RL= 150Ω
RL= 1kΩ
f = 10kHz
Input Noise Current Density
in
f = 10kHz
SHDN
≤ VIL, 1.2V ≤ VOUT ≤ 3.8V (Notes 2, 4)
(Note 4)
4
(Note 4)
pA/
√Hz
f = 10MHz, MAX4184/4185/4187
5
f = 10MHz, MAX4184/4185/4187
IN-
IN+
Off Isolation
-54
dB
SHDN
≤ 2V, RL = 150Ω, f = 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com