Electronic Components Datasheet Search
  English  ▼

X  

MAX4184ESA Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 23Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
23
_____________________________________________Pin Configurations (continued)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4183
MAX4185
N.C.
SHDNB
N.C.
N.C.
SHDNA
N.C.
SO
DUAL
DUAL
QUAD
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
MAX4186
MAX4187
INC+
INC-
OUTC
OUTB
INB-
INB+
SO
QUAD
SINGLE
OUT
N.C.
VEE
1
2
8
7
SHDN
VCC
IN-
IN+
N.C.
SO
3
4
6
5
MAX4180
MAX4181
DUAL
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SO
3
4
6
5
MAX4182
MAX4184
1
2
3
4
5
10
9
8
7
6
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4183
MAX4185
µMAX
SHDNB
SHDNA
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTA
OUTD
IND-
IND+
VEE
INC+
INC-
OUTC
N.C.
MAX4186
MAX4187
QSOP
INA-
INA+
INB+
VCC
INB-
OUTB
N.C.
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com