Electronic Components Datasheet Search
  English  ▼

X  

MAX4184ESA Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 23Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
22
______________________________________________________________________________________
0
80
70
60
50
40
30
20
10
180
200
210
190
220
230
240
250
260
270
280
300
310
RISING-EDGE SLEW RATE (V/
µs)
290
VS = +5V
VIN = 2V STEP
AV = +1V/V
RL = 1kΩ
100 UNITS
0
100
90
80
70
60
50
40
30
20
10
FALLING-EDGE SLEW RATE (V/
µs)
140
160
170
150
180
190
200
210
220
230
240
250
270
260
VS = +5V
VIN = 2V STEP
AV = +1V/V
RL = 1kΩ
100 UNITS
Figure 11d. MAX4181 Falling-Edge Slew-Rate Distribution
(Single Supply)
Figure 11c. MAX4181 Rising-Edge Slew-Rate Distribution
(Single Supply)
VS = +5V
VIN = 20mVp-p
AV = +1V/V
RL = 1kΩ
100 UNITS
0
50
40
30
20
10
160
180
190
170
200
210
220
230
240
250
260
270
280
-3dB BANDWIDTH (MHz)
VS = +5V
VIN = 20mVp-p
AV = +1V/V
RL = 1kΩ
100 UNITS
0
30
25
20
15
10
5
020
30
10
40
50
60
70
80
90
100
110
120
±0.1dB BANDWIDTH (MHz)
Figure 11a. MAX4181 -3dB Bandwidth Distribution
(Single Supply)
Figure 11b. MAX4181 ±0.1dB Bandwidth Distribution
(Single Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com