Electronic Components Datasheet Search
  English  ▼

X  

MAX4184ESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
14
______________________________________________________________________________________
MAX4186/MAX4187
_________________________________________________Pin Description (continued)
MAX4182/MAX4183/MAX4184/MAX4185
SO
SO
1
µMAX
1
MAX4183
MAX4185
PIN
MAX4183
MAX4185
—
4
5, 7, 8, 10
4
Amplifier A Output
OUTA
1
3
2
Amplifier A Inverting Input
INA-
2
3
2
FUNCTION
NAME
MAX4182
MAX4184
No Connect. Not internally connected.
N.C.
—
Negative Power Supply. Connect VEE to -5V or ground for
single-supply operation.
VEE
4
Amplifier A Noninverting Input
INA+
3
—
6
5
SHDNA
Shutdown Control Input for Amplifier A. Amplifier A is
enabled when SHDNA
≥ (VCC - 2V) and disabled when
SHDNA
≤ (VCC - 3V).
—
9
6
SHDNB
Shutdown Control Input for Amplifier B. Amplifier B is
enabled when SHDNB
≥ (VCC - 2V) and disabled when
SHDNB
≤ (VCC - 3V).
5
11
7
INB+
Amplifier B Noninverting Input
6
12
8
INB-
Amplifier B Inverting Input
7
13
9
OUTB
Amplifier B Output
8
14
10
VCC
Positive Power Supply. Connect VCC to +5V.
1
2
MAX4186
MAX4187
PIN
6
5
Amplifier A Output
OUTA
1
Amplifier A Inverting Input
INA-
2
4
3
Amplifier A Noninverting Input
INA+
3
FUNCTION
NAME
MAX4186
MAX4187
Amplifier B Inverting Input
INB-
6
Amplifier B Noninverting Input
INB+
5
Positive Power Supply. Connect VCC to +5V.
VCC
4
7
7
OUTB
Amplifier B Output
—
8, 9
N.C.
No Connect. Not internally connected.
8
10
OUTC
Amplifier C Output
9
11
INC-
Amplifier C Inverting Input
10
12
INC+
Amplifier C Noninverting Input
11
13
VEE
Negative Power Supply. Connect VEE to -5V or ground for
single-supply operation.
12
14
IND+
Amplifier D Noninverting Input
13
15
IND-
Amplifier D Inverting Input
14
16
OUTD
Amplifier D Output
QSOP
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com