Electronic Components Datasheet Search
  English  ▼

X  

MAX4241ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4241ESA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4241ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4241ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX4240–MAX4244 family of micropower op amps
operate from a single +1.8V to +5.5V supply or dual
±0.9V to ±2.75V supplies and have Beyond-the-Rails™
inputs and Rail-to-Rail® output capabilities. These
amplifiers provide a 90kHz gain-bandwidth product
while using only 10µA of supply current per amplifier.
The MAX4241/MAX4243 have a low-power shutdown
mode that reduces supply current to less than 1µA and
forces the output into a high-impedance state. Although
the minimum operating voltage is specified at +1.8V,
these devices typically operate down to +1.5V. The
combination of ultra-low-voltage operation, beyond-the-
rails inputs, rail-to-rail outputs, and ultra-low power con-
sumption makes these devices ideal for any portable/
two-cell battery-powered system.
These amplifiers have an input common-mode range
that extends 200mV beyond each rail, and their outputs
typically swing to within 9mV of the rails with a 100k
Ω
load. Beyond-the-rails input and rail-to-rail output char-
acteristics allow the full power-supply voltage to be
used for signal range. The combination of low input off-
set voltage, low input bias current, and high open-loop
gain makes them suitable for low-power/low-voltage
precision applications.
The MAX4240 is offered in a space-saving 5-pin SOT23
package. All specifications are guaranteed over the
-40°C to +85°C extended temperature range.
________________________Applications
Two-Cell Battery-
Strain Gauges
Powered Systems
Sensor Amplifiers
Portable/Battery-Powered
Cellular Phones
Electronic Equipment
Notebook Computers
Digital Scales
PDAs
____________________________Features
o Ultra-Low-Voltage Operation:
Guaranteed Down to +1.8V
Typical Operation to +1.5V
o Ultra-Low Power Consumption:
10µA Supply Current per Amplifier
1µA Shutdown Mode (MAX4241/MAX4243)
Up to 200,000 Hours Operation from Two AA
Alkaline Cells
o Beyond-the-Rails Input Common-Mode Range
o Outputs Swing Rail-to-Rail
o No Phase Reversal for Overdriven Inputs
o 200µV Input Offset Voltage
o Unity-Gain Stable for Capacitive Loads up to 200pF
o 90kHz Gain-Bandwidth Product
o Available in Space-Saving 5-Pin SOT23 and
8-Pin µMAX Packages
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
15
VCC
OUT
MAX4240
SOT23-5
TOP VIEW
2
34
_________________Pin Configurations
19-1343; Rev 0; 3/98
PART
MAX4240EUK-T
MAX4241EUA
MAX4241ESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 µMAX
8 SO
_______________Ordering Information
Pin Configurations continued at end of data sheet.
_____________________Selector Guide
NO. OF
AMPS
PIN-PACKAGE
MAX4240
1
5-pin SOT23
MAX4241
1
8-pin µMAX/SO
PART
MAX4242
2
8-pin µMAX/SO
SHUTDOWN
—
Yes
—
MAX4243
2
10-pin µMAX,
14-pin SO
MAX4244
4
14-pin SO
Yes
—
Beyond-the-Rails is a trademark of Maxim Integrated Products.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
MAX4242EUA
MAX4242ESA
MAX4243EUB
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 µMAX
8 SO
10 µMAX
MAX4243ESD
MAX4244ESD
-40°C to +85°C
-40°C to +85°C
14 SO
14 SO
SOT
TOP MARK
ACCS
—
—
—
—
—
—
—


Similar Part No. - MAX4241ESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX42410 AD-MAX42410 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
MAX42410AFOA+T AD-MAX42410AFOA+T Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
MAX42410AFOB+T AD-MAX42410AFOB+T Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
More results

Similar Description - MAX4241ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com