Electronic Components Datasheet Search
  English  ▼

X  

MAX4241ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4241ESA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4241ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4241ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
value, based on driving the output voltage to within
50mV, 100mV, and 200mV of either power-supply rail.
For example, a MAX4241 running from a single +1.8V
supply, operating at TA = +25°C, can source 240µA to
within 100mV of VCC and is capable of driving a 7k
Ω
load resistor to VEE:
The same application can drive a 3.3k
Ω load resistor
when terminated in VCC / 2 (+0.9V in this case).
Driving Capacitive Loads
The MAX4240–MAX4244 are unity-gain stable for loads
up to 200pF (see Load Resistor vs. Capacitive Load
graph in
Typical Operating Characteristics). Applica-
tions that require greater capacitive drive capability
should use an isolation resistor between the output and
the capacitive load (Figure 8). Note that this alternative
results in a loss of gain accuracy because RISO forms a
voltage divider with the load resistor.
Power-Supply Bypassing and Layout
The MAX4240–MAX4244 family operates from either a
single +1.8V to +5.5V supply or dual ±0.9V to ±2.75V
supplies. For single-supply operation, bypass the
power supply with a 100nF capacitor to VEE (in this
case GND). For dual-supply operation, both the VCC
and VEE supplies should be bypassed to ground with
separate 100nF capacitors.
Good PC board layout techniques optimize perfor-
mance by decreasing the amount of stray capacitance
at the op amp’s inputs and output. To decrease stray
capacitance, minimize trace lengths by placing exter-
nal components as close as possible to the op amp.
Surface-mount components are an excellent choice.
R
=
1.8V - 0.1V
240 A
7k
to V
L
EE
µ
=
Ω
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
______________________________________________________________________________________
13
RISO
CL
RL
MAX4240
MAX4241
MAX4242
MAX4243
MAX4244
AV =
RL
≈ 1
RL + RISO
Figure 8a Using a Resistor to Isolate a Capacitive Load from
the Op Amp
50mV/div
IN
OUT
50mV/div
MAX4240-44 fig08b
100
µs/div
RISO = NONE, RL = 100kΩ, CL = 700pF
Figure 8b. Pulse Response without Isolating Resistor
50mV/div
IN
OUT
50mV/div
MAX4240-44 fig08c
100
µs/div
RISO = 1kΩ, RL = 100kΩ, CL = 700pF
Figure 8c. Pulse Response with Isolating Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com