Electronic Components Datasheet Search
  English  ▼

X  

MAX4241ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4241ESA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4241ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4241ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS — TA = TMIN to TMAX (continued)
(VCC = +1.8V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC / 2, RL = 100kΩ tied to VCC / 2, SHDN = VCC, TA = TMIN to TMAX, unless oth-
erwise noted.) (Note 1)
Note 1: The MAX4240EUK, MAX4241EUA, MAX4242EUA, and MAX4243EUB specifications are 100% tested at TA = +25°C. All
temperature limits are guaranteed by design.
Note 2: Shutdown mode applies to the MAX4241/MAX4243 only.
Note 3: Input bias current and input offset current are tested with VCC = +5.0V and 0 ≤ VCM ≤ 5.0V.
Note 4: Tested over the specified input common-mode range.
Note 5: Tested for 0
≤ VOUT ≤ VCC. Does not include current through external feedback network.
Note 6: Channel-to-channel isolation specification applies to the MAX4242/MAX4243/MAX4244 only.
SHDN Logic High
(Note 2)
VIH
0.7 x VCC
V
SHDN Input Bias
Current (Note 2)
IIH, IIL
120
nA
SHDN = VCC = 5.5V or SHDN = VEE = 0
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
20
0
-60
-40
-20
20
40
100
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
6
4
2
16
14
18
TEMPERATURE (°C)
0
60
10
8
12
80
VCC = +5.5V
VCC = +1.8V
5
0
-60 -40
-20
0
20
40
100
SHUTDOWN SUPPLY CURRENT
PER AMPLIFIER vs. TEMPERATURE
1
4
TEMPERATURE (°C)
60
2
3
80
VCC = +5.5V
VCC = +1.8V
1.8
1.0
-60
-40
-20
20
40
100
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
1.2
1.1
1.6
1.7
TEMPERATURE (°C)
0
60
1.4
1.3
1.5
80
PSRR
≥ 80dB
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, VSHDN = VCC, RL = 100kΩ to VCC / 2, TA = +25°C, unless otherwise noted.)
400
0
-60
-40
-20
20
40
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
100
300
TEMPERATURE (°C)
0
60
200
80
0
-4
-60
-40
-20
20
40
100
INPUT BIAS CURRENT
vs. TEMPERATURE
-3
-1
TEMPERATURE (°C)
0
60
-2
80
VCM = 0
VCC = +1.8V
VCC = +5.5V
5.0
-5.0
-0.2
0.2
0.6
1.0
1.4
INPUT BIAS CURRENT vs.
COMMON-MODE VOLTAGE (VCC = 1.8V)
-2.5
2.5
VCM (V)
0
1.8
VCC = +1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com