Electronic Components Datasheet Search
  English  ▼

X  

MAX4241ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4241ESA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4241ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4241ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
_______________________________________________________________________________________
7
5.0
-5.0
-0.5
0.5
1.5
2.5
3.5
4.5
INPUT BIAS CURRENT vs.
COMMON-MODE VOLTAGE (VCC = 5.5V)
-2.5
2.5
VCM (V)
0
5.5
VCC = +5.5V
120
0
-60
-40
-20
20
40
100
OUTPUT SWING HIGH
vs. TEMPERATURE
20
100
80
TEMPERATURE (°C)
0
60
60
40
80
VCC = +1.8V, RL = 10kΩ
RL TO VEE
VCC = +5.5V, RL = 20kΩ
VCC = +5.5V, RL = 100kΩ
VCC = +1.8V, RL = 100kΩ
120
0
-60
-40
-20
20
40
100
OUTPUT SWING LOW
vs. TEMPERATURE
20
100
80
TEMPERATURE (°C)
0
60
60
40
80
VCC = +1.8V, RL = 10kΩ
VCC = +5.5V, RL = 20kΩ
VCC = +5.5V, RL = 100kΩ
VCC = +1.8V, RL = 100kΩ
RL TO VCC
-80
-100
-60
-40
-20
20
40
100
COMMON-MODE REJECTION
vs. TEMPERATURE
-95
-85
TEMPERATURE (°C)
0
60
-90
80
VCC = +1.8V
VCC = +5.5V
100
110
0
100
200
300
400
OPEN-LOOP GAIN vs. OUTPUT SWING LOW
(VCC = +5.5V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
70
60
RL = 100kΩ
RL = 20kΩ
100
30
0
100
300
500
OPEN-LOOP GAIN vs. OUTPUT SWING LOW
(VCC = +1.8V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
200
400
70
60
RL = 100kΩ
RL = 10kΩ
100
30
0
100
300
500
OPEN-LOOP GAIN vs. OUTPUT SWING HIGH
(VCC = +1.8V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
200
400
70
60
RL = 100kΩ
RL = 10kΩ
100
110
0
100
200
300
400
OPEN-LOOP GAIN vs. OUTPUT SWING HIGH
(VCC = +5.5V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
70
60
RL = 20kΩ
RL = 100kΩ
110
70
-60
-40
-20
20
40
100
OPEN-LOOP GAIN
vs. TEMPERATURE
75
80
105
100
95
TEMPERATURE (°C)
0
60
90
85
80
VCC = +5.5V, RL = 20kΩ TO VCC
VCC = +5.5V, RL = 20kΩ TO VEE
VCC = +1.8V, RL = 10kΩ TO VEE
VCC = +1.8V, RL = 10kΩ TO VCC
____________________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, VSHDN = VCC, RL = 100kΩ to VCC / 2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com