Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VIN = 5V, RSENSE = 100m
Ω, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
CBOARD = 0, RSENSE = 100m
Ω,
CGATE = 0, RS = 0
ILOAD
1A/div
VOUT
2V/div
VGATE
2V/div
0
50
µs/div
TURN-OFF TIME (CBOARD = 0)
MAX4271/3-37
ON
0
Pin Description
CBOARD = 0, RSENSE = 100m
Ω,
CTIM = 10nF, CGATE = 0
VOUT
2V/div
VGATE
2V/div
ON
100
µs/div
STARTUP TIME (CBOARD = 0)
MAX4271/3-35
PIN
MAX4271
MAX4272
MAX4273
NAME
FUNCTION
—
1
RTH
Current-Sense Threshold Setting Input. Connect a resistor from RTH to VIN to set the
fast comparator threshold. Bypass to VIN with 0.1
µF. Connect RTH to VIN to disable
both the fast comparator and current regulation at startup. Short RTH to GND for a
200mV threshold. See Fast Comparator Threshold section.
—
2
AUXVCC
Auxiliary Supply Input. Supply input for short-circuit switchover. To use this, connect a
1
µF capacitor from AUXVCC to GND; otherwise, leave floating. See Auxiliary VCC
section.
13
IN
Input Voltage. Connect to +2.7V to +13.2V supply; 15V absolute maximum voltage
rating.
2
4
SENSE
Current-Sense Resistor Voltage Input. RSENSE is connected from IN to SENSE.
3
5
GATE
Gate Drive Output. Connect to gate of external N-channel pass transistor.
—
6
CEXT
External Gate Capacitance Connection. Connect a capacitor from CEXT to GATE to
increase the gate charging time. This pin goes high impedance during a fast
comparator fault for fast discharge.
—
7
LLMON
Load Line Monitor. Connect to the source of the external N-channel MOSFET. The
external FET is turned on only when the load voltage is less than 100mV.
4
8
GND
Ground
—
9
CTON
Startup Timer Input. Leave floating or connect the timing capacitor from CTON to GND.
See Startup and Retry Timers section.
5
10
CSPD
Slow Comparator Speed Setting. Leave floating or connect the timing capacitor from
CSPD to GND. See Slow Comparator Response Time section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com