Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
19
MOSFET with a duty cycle equal to tON/tRETRY and with
a current equal to IFAST,SET. Therefore, particular care
has to be taken when choosing between immediate
retry and board space needed to manage the power
dissipation capabilities of the MOSFET (see Thermal
Considerations). The duty cycle is fixed to 1/32 for the
MAX4272, but can be varied in the MAX4273 by choos-
ing CTIM and CTON independently.
Additional External Gate Capacitance (CEXT)
An external gate capacitance can be connected at
GATE. This increases the time required to enhance the
MOSFET and further limits the output rise time. In the
MAX4271/MAX4272, connect the external capacitor
between GATE and GND. In the MAX4273, the external
capacitor can be connected between GATE and CEXT
or GND. If the capacitor is connected to CEXT, it is dis-
charged to ground during a slow comparator fault but it
is left floating during a fast comparator fault; this allows
the device to turn off the external MOSFET faster during
critical faults. (CEXT is biased at VIN; therefore, use a
nonpolarized capacitor). Capacitance connected from
GATE to CEXT does little to decrease the regulated cur-
rent ripple. Add a small capacitor (5nF) from GATE to
GND. See the charging and discharging time vs. CGATE
graphs in the Typical Operating Characteristics.
Slow Comparator Response Time (CSPD)
The slow comparator threshold is set at 50mV, and its
response time is determined by the external capacitor
connected to CSPD (Figure 10).
A minimum response time of 20µs (typ) is achieved by
leaving this pin floating. This time is determined inter-
nally and is not affected by stray capacitance at CSPD
(up to 100pF).
Set the slow comparator response time to be longer
than the normal operation load transients (see Slow
Comparator).
ON and Reset Comparators
The ON comparator controls the ON/OFF function of
these devices. The ON comparator is a precision volt-
age comparator that can be used for temperature moni-
toring or as an additional UVLO (Figure 11). The
MAX4273 also features an uncommitted delayed com-
parator. This comparator can be used for voltage moni-
toring, power sequencing, or for generating a power-on
reset signal for on-card microprocessors (Figure 12).
Both comparator threshold voltages are set at VREF/2 =
0.6V with a 3mV (typ) hysteresis.
The uncommitted comparator OUTC output is an open-
drain output, and it is asserted low when its input volt-
age (INC) is below the threshold voltage. It goes into a
high-impedance state 150ms after the voltage has risen
above the threshold. The delay for negative-going
edges is 10µs.
Figure 13 shows the MAX4273 used to monitor precise-
ly the temperature of an external device such as the
MOSFET. This configuration uses the uncommitted
comparator to set the UVLO at a higher level by running
its output into the ON comparator’s input.
The ON comparator initiates startup when its input volt-
age (VON) rises above the threshold voltage and turns
off the MOSFET when the voltage falls below the thresh-
old. The propagation delay is 10µs going high or low.
The ON comparator is also used to reset the
MAX4271/MAX4273 (when CTIM = VIN) after a fault
condition (see Latched/Autoretry).
Figure 10. Slow Comparator Response Time vs. CSPD
1000
0.01
0.1
1
10
100
1000
100
10
1
0.1
0.01
SLOW COMPARATOR
RESPONSE TIME vs. CSPD
CSPD (nF)
tCSPD (ms) = 0.2 x CSPD (nF)
Figure 11. Temperature Monitoring and Protection
LOGIC
CONTROL
VREF
R2
ON
NTC
R1 = R2
✕ (VREF / O.6 - 1)
R2 = VALUE OF THE NTC RESISTOR AT THE LIMIT TEMPERATURE
VREF = ANY REFERENCE VOLTAGE AVAILABLE OR VIN
0.6V
R1
MAX4271
MAX4272
MAX4273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com