Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
15
is stable. Any input voltage transient at IN below the
UVLO threshold will reset the device and initiate a start-
up sequence.
These devices also have an overvoltage lockout
(OVLO) feature that prevents the device from restarting
after a fault condition if the discharge has not been
completed. VGATE has to be discharged to below 0.1V.
Additionally, the MAX4273 LLMON pin discharges the
load line with a 1k
Ω pulldown and prevents startup until
the load voltage is below 0.1V.
Since the MAX4271/MAX4272 do not monitor the output
voltage, a startup sequence can be initiated while the
board capacitance is still charged.
A large board capacitance or a short startup period may
prevent the MAX4272 from charging completely in one
startup period. The MAX4272 responds to these condi-
tions by charging the capacitor with bursts defined by a
tON duty cycle and a period of tON + tRETRY. The charg-
ing will be complete after several retries unless the resis-
tive load or current load excessively discharges the
board capacitance during the retry timeout. This feature
applies to the MAX4273 if LLMON is left floating or is
connected to GND. To prevent multiple charging bursts,
ensure that the tON timer exceeds the minimum time
required to complete the charge of the board capaci-
tance (see Component Selection).
Gate Overvoltage Protection
New-generation MOSFETs have an absolute maximum
rating of ±8V for the gate-to-source voltage (VGS). To
protect these MOSFETs, the MAX4271/MAX4272 limit the
gate-to-drain voltage (the MAX4273 limits the gate-to-
source voltage) to +7.5V with an internal zener diode. No
protection is provided for negative VGS (MAX4271/
MAX4272). If GATE can be discharged to ground faster
than the output voltage, an external small-signal protec-
tion diode (D1) can be used, as shown in Figure 6. The
MAX4273 has the protection diode internal.
Applications Information
Component Selection
N-Channel MOSFET
Select the external N-channel MOSFET according to
the application’s current level. Table 2 lists some rec-
ommended components. The MOSFET’s on-resistance
(RDS(ON)) should be chosen low enough to have a min-
imum voltage drop at full load to limit the MOSFET
power dissipation. High RDS(ON) can cause output rip-
ple if the board has pulsing loads or triggers an exter-
nal undervoltage reset monitor at full load. Determine
the device power-rating requirement to accommodate
a short circuit on the board at startup with the device
Figure 5. Status (STAT) Output Timing Diagram
O
1.2V
tSTART
O
O
STAT
CTIM
(CTON)*
ON
FAULT CONDITION,
OR ON FALLING
EDGE
NO FAULT CONDITIONS PRESENT
*MAX4273 ONLY
VIN
VIN
Table 2. Recommended N-Channel
MOSFETs
PART
NUMBER
MANUFACTURER
DESCRIPTION
IRF7413
11m
Ω, 8 SO, 30V
IRF7401
22m
Ω, 8 SO, 20V
IRL3502S
International
Rectifier
6m
Ω, D2PAK, 20V
MMSF3300
20m
Ω, 8 SO, 30V
MMSF5N02H
30m
Ω, 8 SO, 20V
MTB60N05H
Motorola
14m
Ω, D2PAK, 50V
FDS6670A
10m
Ω, 8 SO, 30V
NDS8426A
13.5m
Ω, 8 SO, 20V
FDB8030L
Fairchild
4.5m
Ω, D2PAK, 30V
Figure 6. External Gate-Source Protection
D1
GATE
RSENSE
VOUT
VGD
VGS
CBOARD
IN
SENSE
M1
N
MAX4271
MAX4272
GATE DRIVE
CHARGE PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com