Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
12
______________________________________________________________________________________
Figure 2. MAX4273 Functional Diagram
MAX4273
6
µA
VIN
SLOW COMPARATOR
FAST COMPARATOR
6
µA
2.45V
INPUT
UVLO
LOGIC
CONTROL
DISCHARGE
ENABLE
STAT
REF
REF
1.2V
AUXVCC
AUXVCC
GND
0.1V
0.6V
ON
LLMON
INC
VOUT
RSENSE
VIN
CSPD
N
Q1
GATE
CEXT
CEXT
SENSE
RTH
RTH
IN
OUTPUT
OVLO
0.1V
GATE
OVLO
ON COMPARATOR
RESET COMPARATOR
GATE DRIVE
VFC,TH = 50mV
VFC,TH = 200mV
VFC,TH =
50mV TO 750mV
150ms
DELAY
ON
VIN RISING
OUTC
VIN
CTIM
CTIM
4
µA
10
µA
AUXVCC
VIN
CTON
CTON
4
µA
150ms
DELAY ON INC RISING
0.6V
CHARGE PUMP
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com