Electronic Components Datasheet Search
  English  ▼

X  

ICS841N254BI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS841N254BI Datasheet HTML 1Page - Integrated Device Technology ICS841N254BI Datasheet HTML 2Page - Integrated Device Technology ICS841N254BI Datasheet HTML 3Page - Integrated Device Technology ICS841N254BI Datasheet HTML 4Page - Integrated Device Technology ICS841N254BI Datasheet HTML 5Page - Integrated Device Technology ICS841N254BI Datasheet HTML 6Page - Integrated Device Technology ICS841N254BI Datasheet HTML 7Page - Integrated Device Technology ICS841N254BI Datasheet HTML 8Page - Integrated Device Technology ICS841N254BI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATASHEET
FemtoClock® NG Crystal-to-LVDS/
HCSL Clock Synthesizer
ICS841N254BI
ICS841N254BKI REVISION A NOVEMBER 6, 2013
1
©2013 Integrated Device Technology, Inc.
General Description
The ICS841N254BI is a 4-output clock synthesizer designed for
S-RIO 1.3 and 2.0 reference clock applications. The device
generates four copies of a selectable 250MHz, 156.25MHz, 125MHz
or 100MHz clock signal with excellent phase jitter performance. The
four outputs are organized in two banks of two LVDS and two HCSL
ouputs.The device uses IDT’s fourth generation FemtoClock® NG
technology for an optimum of high clock frequency and low phase
noise performance, combined with a low power consumption and
high power supply noise rejection. The synthesized clock frequency
and the phase-noise performance are optimized for driving RIO 1.3
and 2.0 SerDes reference clocks. The device supports 3.3V and
2.5V voltage supplies and is packaged in a small 32-lead VFQFN
package. The extended temperature range supports wireless
infrastructure, telecommunication and networking end equipment
requirements.
Features
• Fourth generation FemtoClock® (NG) technology
• Selectable 250MHz, 156.25MHz, 125MHz or 100MHz output
clock synthesized from a 25MHz fundamental mode crystal
• Four differential clock outputs (two LVDS and two HCSL outputs)
• Crystal interface designed for 25MHz,
parallel resonant crystal
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1MHz - 20MHz): 0.27ps (typical)
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.32ps (typical)
• Power supply noise rejection PSNR: -50dB (typical)
• LVCMOS interface levels for the frequency select input
• Full 3.3V or 2.5V supply voltage
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature
Function Table
NOTE: F_SEL[1:0] are asynchronous controls.
Inputs
Output Frequency with
fXTAL = 25MHz
F_SEL1
F_SEL0
0 (default)
0 (default)
156.25MHz
0
1
125MHz
1
0
100MHz
1
1
250MHz
QA0
nQA0
QA1
nQA1
QB0
nQB0
QB1
nQB1
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
OSC
XTAL_IN
XTAL_OUT
REF_CLK
REF_SEL
BYPASS
F_SEL[0:1]
nOEA
nOEB
IREF
÷25
÷N
PFD
&
LPF
FemtoClock® NG
VCO
625MHz
Pulldown
LVDS
LVDS
HCSL
HCSL
0
1
1
0
2
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD
nc
VDDA
nc
GND
REF_CLK
nOEA
VDD
IREF
GND
nQA0
QA0
VDDOA
nQA1
QA1
GND
ICS841N254BI
32-lead VFQFN
K Package
5mm x 5mm x 0.925mm
package body
Top View
Block Diagram
Pin Assignment


Similar Part No. - ICS841N254BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841N254I IDT-ICS841N254I Datasheet
478Kb / 23P
FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
More results

Similar Description - ICS841N254BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
Fourth Generation FemtoClock
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
Fourth generation FemtoClock
IDT8N4DV85 IDT-IDT8N4DV85 Datasheet
504Kb / 18P
Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
Fourth generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com