Electronic Components Datasheet Search
  English  ▼

X  

ICS841N254BI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS841N254BI Datasheet HTML 7Page - Integrated Device Technology ICS841N254BI Datasheet HTML 8Page - Integrated Device Technology ICS841N254BI Datasheet HTML 9Page - Integrated Device Technology ICS841N254BI Datasheet HTML 10Page - Integrated Device Technology ICS841N254BI Datasheet HTML 11Page - Integrated Device Technology ICS841N254BI Datasheet HTML 12Page - Integrated Device Technology ICS841N254BI Datasheet HTML 13Page - Integrated Device Technology ICS841N254BI Datasheet HTML 14Page - Integrated Device Technology ICS841N254BI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ICS841N254BKI REVISION A NOVEMBER 6, 2013
11
©2013 Integrated Device Technology, Inc.
ICS841N254BI Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
Parameter Measurement Information, continued
HCSL Differential Measurement Points for Rise/Fall Time
Single-ended Measurement Points for Delta Cross Point
Offset Voltage Setup
LVDS Rise/Fall Time
Single-ended Measurement Points for Absolute Cross
Point/Swing
Differential Output Voltage Setup
20%
80%
80%
20%
tR
t F
VOD
nQA[0:1]
QA[0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com