Electronic Components Datasheet Search
  English  ▼

X  

ICS841N254BI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS841N254BI Datasheet HTML 8Page - Integrated Device Technology ICS841N254BI Datasheet HTML 9Page - Integrated Device Technology ICS841N254BI Datasheet HTML 10Page - Integrated Device Technology ICS841N254BI Datasheet HTML 11Page - Integrated Device Technology ICS841N254BI Datasheet HTML 12Page - Integrated Device Technology ICS841N254BI Datasheet HTML 13Page - Integrated Device Technology ICS841N254BI Datasheet HTML 14Page - Integrated Device Technology ICS841N254BI Datasheet HTML 15Page - Integrated Device Technology ICS841N254BI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ICS841N254BKI REVISION A NOVEMBER 6, 2013
12
©2013 Integrated Device Technology, Inc.
ICS841N254BI Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
Applications Information
Recommendations for Unused Input Pins
Inputs:
REF_CLK Input
For applications not requiring the use of the reference clock, it can be
left floating. Though not required, but for additional protection, a 1k
resistor can be tied from the REF_CLK to ground.
Crystal Inputs
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
 resistor can be tied from
XTAL_IN to ground.
LVCMOS Control Pins
All control pins have internal pulldowns; additional resistance is not
required but can be added for additional protection. A 1k
 resistor
can be used.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated
with 100
 across. If they are left floating, we recommend that there
is no trace attached.
Differential Outputs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
Interface to IDT S-RIO Switches
The ICS841N254BI is designed for driving the differential reference
clock input (REF_CLK) of IDT’s S-RIO 1.3 and 2.0 switch devices.
Both the LVDS and the HCSL outputs of the ICS841N254BI have the
low-jitter, differential voltage and impedance characteristics required
to provide a high-quality 156.25MHz clock signal for both S-RIO 1.3
and 2.0 switch devices. Please refer to Figure 1A and Figure 1B for
suggested interfaces. The interfaces differ by the driving output,
LVDS and HCSL, and the corresponding source termination method.
In both Figure 1A and 1B, the AC-coupling capacitors are mandatory
by the IDT S-RIO switch devices. The differential REF_CLK input is
internally re-biased and AC-terminated. Both interface circuits are
optimized for 50
 transmission lines and generate the voltage swing
required to reliably drive the clock reference input of a IDT S-RIO
switch. Please refer to IDT’s S-RIO device datasheet for more details.
+
-
REF_CLK
ICS841N254BI
IDT S-RIO 1.3, 2.0 Switch
LI
LI
CI
CI
VBIAS
RL
RL
QAn
nQAn
T= 50
LVDS
REF_CLK_P
REF_CLK_N
Figure 1A. LVDS-to-S-RIO 2.0 Reference Clock Interface
Figure 1A shows the recommended interface circuit for driving the
156.25MHz reference clock of an IDT S-RIO 2.0 switch by a LVDS
output (QA0, QA1) of the ICS841N254BI. The LVDS-to-differential
interface as shown in Figure 1A does not require any external
termination resistors: the ICS841N254BI driver contains an internal
source termination at QA0 and QA1. The differential REF_CLK input
contains an internal AC-termination (RL) and re-bias (VBIAS).
Figure 4B shows the interface circuit for driving the 156.25MHz
reference clock of an IDT S-RIO 2.0 switch by an HCSL output of the
ICS841N254BI (QB0, QB1): The HCSL-to-differential interface
requires external termination resistors (22...33
 and 50) for source
termination, which should be placed close the driver (QB0, QB1).
+
-
REF_CLK
ICS841N254BI
IDT S-RIO 1.3, 2.0 Switch
LI
LI
CI
CI
VBIAS
RL
RL
REF_CLK_P
REF_CLK_N
QBn
nQBn
T= 50
HCSL
22...33
49.9
22...33
49.9
Figure 1B. HCSL-to-S-RIO 2.0 Reference Clock Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com