Electronic Components Datasheet Search
  English  ▼

X  

MAX4322ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4322ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4322ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4322ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4322/MAX4323/MAX4326/MAX4327/MAX4329
family of operational amplifiers combines wide bandwidth
and excellent DC accuracy with Rail-to-Rail® operation at
the inputs and outputs. These devices require only 650µA
per amplifier and operate from either a single supply
(+2.4V to +6.5V) or dual supplies (±1.2V to ±3.25V). These
unity-gain-stable amplifiers are capable of driving 250
Ω
loads and have a 5MHz gain-bandwidth product. The
MAX4323 and MAX4327 feature a low-power shutdown
mode that reduces supply current to 25µA and places the
outputs in a high-impedance state.
With their rail-to-rail input common-mode range and
output swing, these amplifiers are ideal for low-voltage,
single-supply operation. In addition, low offset voltage
and high speed make them the ideal signal-condition-
ing stages for precision, low-voltage data-acquisition
systems. The MAX4322/MAX4323 are available in
space-saving SOT23 packages.
________________________Applications
Battery-Powered Instruments
Portable Equipment
Data-Acquisition Systems
Signal Conditioning
Low-Power, Low-Voltage Applications
____________________________Features
o SOT23 Packages (MAX4322/MAX4323)
o +2.4V to +6.5V Single-Supply Operation
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Voltage Swing
o 5MHz Gain-Bandwidth Product
o 650µA Quiescent Current per Amplifier
o 700µV Offset Voltage
o No Phase Reversal for Overdriven Inputs
o Drive 250Ω Loads
o 25µA Shutdown Mode (MAX4323/MAX4327)
o Unity-Gain Stable for Capacitive Loads
up to 500pF
Single/Dual/Quad, Low-Cost, SOT23,
Low-Power, Rail-to-Rail I/O Op Amps
________________________________________________________________ Maxim Integrated Products
1
Typical Operating Circuit
19-1380; Rev 2a; 12/99
PART
MAX4322EUK-T
MAX4322ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
Ordering Information
Pin Configurations appear at end of data sheet.
TOP
MARK
ACGE
—
BW
(MHz)
NO. OF
AMPS
MAX4322
5
1
PART
MAX4323
5
1
MAX4329
5
4
PIN-
PACKAGE
5 SOT23-5,
8 µMAX/SO
8 µMAX/SO/
6 SOT23-6
14 SO
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
SHUTDOWN
—
Yes
—
—
MAX4326
5
2
8 µMAX/SO
Yes
MAX4327
5
2
10 µMAX, 14 SO
MAX4323ESA
-40°C to +85°C
8 SO
—
MAX4323EUA
-40°C to +85°C
8 µMAX
—
MAX4322EUA
-40°C to +85°C
8 µMAX
—
MAX4326EUA
-40°C to +85°C
8 µMAX
—
MAX4326ESA
-40°C to +85°C
8 SO
—
MAX4327ESD
-40°C to +85°C
14 SO
—
MAX4327EUB
-40°C to +85°C
10 µMAX
—
MAX4329ESD
-40°C to +85°C
14 SO
—
Selector Guide
MAX187
MAX4322
SHDN
3
1
2
4
5
6
8
7
VDD
+5V
AIN
VREF
GND
DOUT
SERIAL
INTERFACE
SCLK
CS
MAX4323EUT
-40°C to +85°C
6 SOT23-6
AAEC
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX4322ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4321 MAXIM-MAX4321 Datasheet
259Kb / 12P
Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
Rev 0; 4/00
MAX4321EUK-T MAXIM-MAX4321EUK-T Datasheet
259Kb / 12P
Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
Rev 0; 4/00
MAX432CPA MAXIM-MAX432CPA Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
MAX432EPA MAXIM-MAX432EPA Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results

Similar Description - MAX4322ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX9613 MAXIM-MAX9613 Datasheet
1Mb / 12P
Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
Rev 0; 8/10
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com