Electronic Components Datasheet Search
  English  ▼

X  

MAX4322ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4322ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4322ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4322ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Low-Power, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
5
60
-40
100
1k
10k
1M
10M
100k
100M
GAIN AND PHASE vs. FREQUENCY
-20
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
NO LOAD
180
144
72
0
-72
-144
-180
-108
-36
36
108
MAX4322/26/29-01
60
-40
100
1k
10k
1M
10M
100k
100M
GAIN AND PHASE vs. FREQUENCY
(WITH CLOAD)
-20
MAX4322/26/29-02
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
RL =
∞
CL = 500pF
180
144
72
0
-72
-144
-180
-108
-36
36
108
0
-100
10
100
1k
100k
1M
10M
10k
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
AV = +1
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = VCC / 2, SHDN = VCC, TA = +25°C, unless otherwise noted.)
1k
10k
10M
FREQUENCY (Hz)
100k
1M
100
130
50
60
70
80
90
100
110
120
MAX4326/MAX4327/MAX4329
CHANNEL SEPARATION vs. FREQUENCY
100
0.01
100
1k
100k
1M
10M
10k
100M
OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
AV = +1
900
500
550
600
650
700
750
800
850
-40 -25 -10
5
20
35
50
65
80
95
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 6.5V
VCC = 2.7V
-3.00
-2.25
-0.75
-1.50
0
1.50
0.75
2.25
3.00
-40 -25 -10
5
20
35
50
65
80
95
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
SOT23-5/6
PACKAGE
SO PACKAGE
-50
0123456
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-40
-30
-20
-10
0
10
20
30
40
50
VCC = 2.7V
VCC = 6.5V
0
10
20
30
40
50
60
-40 -25 -10
5
20
35
50
65
80
95
MAX4323/MAX4327
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 6.5V
VCC = 2.7V
SHDN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com