Electronic Components Datasheet Search
  English  ▼

X  

MAX4322ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4322ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4322ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4322ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Low-Power, Rail-to-Rail I/O Op Amps
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS —TA = -40°C to +85°C (continued)
(VCC = +5V, VEE = 0, VCM = 0, VOUT = VCC / 2, SHDN = VCC, RL tied to VCC / 2, unless otherwise noted.) (Note 1)
f = 10kHz, VOUT = 2Vp-p, AV = +1V/V
VCC = 0 to 3V step
64
degrees
AV = +1V/V, VOUT = 2V step
CONDITIONS
µs
5
Phase Margin
MHz
Gain-Bandwidth Product
12
%
0.003
dB
Total Harmonic Distortion
Gain Margin
Settling Time to 0.01%
2.0
µs
1
Turn-On Time
V/µs
Slew Rate
2
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = VOUT = VCC / 2, SHDN = VCC, TA = +25°C unless otherwise noted.)
VOUT = 0.4V to 4.6V, RL = 250
Ω
VCC = 2.4V to 6.5V
RL = 250
Ω
CONDITIONS
dB
66
dB
62
Power-Supply Rejection Ratio
Output Voltage Swing
mV
350
MAX4322/
MAX4323
250
UNITS
MIN
TYP
MAX
PARAMETER
VCC - VOH
VOL - VEE
400
MAX4326/
MAX4327/
MAX4329
pF
3
Input Capacitance
f = 1kHz
nV/
√Hz
22
Input Noise Voltage Density
f = 1kHz
pA
0.4
Input Noise Current Density
dB
135
Amp-Amp Isolation
AV = +1V/V
pF
250
Capacitive Load Stability
Note 1: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
MAX4323/MAX4327
V
0.8
SHDN Logic Threshold
Large-Signal Voltage Gain
RL = 250
Ω
VCC - VOH
300
VOL - VEE
2.0
MAX4323/MAX4327
µA
±5
SHDN Input Current
V
2.4
6.5
Operating Supply-Voltage Range
Low
High
VCM = VCC / 2
mA
1.2
Supply Current per Amplifier
SHDN
≤ 0.8V, MAX4323/MAX4327
µA
70
Shutdown Supply Current
per Amplifier
µs
1
SHDN Delay
MAX4323/MAX4327
0.2
Enable
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com