Electronic Components Datasheet Search
  English  ▼

X  

MAX4322ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4322ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4322ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4322ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4322ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = VCC / 2, SHDN = VCC, TA = +25°C, unless otherwise noted.)
Single/Dual/Quad, Low-Cost, SOT23,
Low-Power, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
7
1.2
1.3
1.5
1.4
1.6
1.7
1.8
1.9
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
10
100k
10k
FREQUENCY (Hz)
100
1k
0.040
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
AV = +1
2Vp-p SIGNAL
500kHz LOWPASS FILTER
RL = 10k
Ω TO VCC / 2
0.1
0.001
4.0
4.4
4.2
5.0
4.8
4.6
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
0.01
AV = +1
10kHz SINE WAVE
RL TO VCC / 2
500kHz LOWPASS FILTER
RL = 10k
Ω
RL = 100k
Ω
RL = 2k
Ω
RL = 250
Ω
IN
TIME (200ns/div)
OUT
AV = +1
SMALL-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
IN
TIME (200ns/div)
OUT
AV = -1
SMALL-SIGNAL TRANSIENT
RESPONSE (INVERTING)
125
75
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
85
115
TEMPERATURE (°C)
105
95
80
90
120
110
100
VOUT(p-p) = VCC - 600mV
RL = 100k
Ω
VCC = 6.5V, RL TO VEE
VCC = 2.7V, RL TO VCC
VCC = 2.7V, RL TO VEE
VCC = 6.5V, RL TO VCC
IN
TIME (2
µs/div)
OUT
AV = +1
LARGE-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
IN
TIME (2
µs/div)
OUT
AV = -1
LARGE-SIGNAL TRANSIENT
RESPONSE (INVERTING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com