Electronic Components Datasheet Search
  English  ▼

X  

MAX4373FESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4373FESA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4373FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 9Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 10Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 11Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
_______________________________________________________________________________________
9
FUNCTION
Detailed Description
The MAX4373 high-side current-sense supervisor fea-
tures a high-side current-sense amplifier, bandgap ref-
erence, and comparator with latching output to monitor
a supply for an overcurrent condition (Figure 1). The
latching output allows the comparator to shut down a
power supply without oscillations. The MAX4374/
MAX4375 offer an additional comparator to allow win-
dow detection of the current.
Current-Sense Amplifier
The internal current-sense amplifier features a 0V to
+28V input common-mode range that is independent of
the supply voltage. With this feature, the device can
monitor the output current of a battery in deep dis-
charge and also high-side current-sensing voltages
exceeding VCC.
The current-sense amplifier is also suitable for low-side
current sensing. However, the total output voltage error
will increase when VRS+ falls below 2V, as shown in
Pin Description
RS-
RS+
OUT
CIN2
GND
CIN1
LOAD
VIN = 0 TO 28V
VCC
RESET
0.6V
BANDGAP
REFERENCE
RSENSE
+ VSENSE -
VPULL-UP = 5V
R2
R1
R4
R5
VPULL-UP = 5V
R6
MAX4374/MAX4375
R3
COUT1
COUT2
CURRENT-
SENSE
AMPLIFIER
+
-
+(-)
-(+)
Figure 1. Functional Diagram
FUNCTION
NAME
1
1
VCC
2
2
OUT
PIN
3
3
CIN1
—
4
CIN2
—
7
COUT2
6
8
COUT1
5
6
RESET
4
5
GND
—
—
N.C.
8
10
RS+
7
9
RS-
Supply Voltage Input
1
2
4
5
10
11
8
7
3, 6, 9, 12
14
13
MAX4374/MAX4375
Voltage Output. VOUT is proportional to VSENSE (VRS+ - VRS-).
MAX4373
Comparator Input 1. Positive input of an internal comparator. The nega-
tive terminal is connected to a 0.6V internal reference.
Comparator Input 2. Terminal of a second internal comparator. The pos-
itive terminal for the MAX4374 and the negative terminal for the
MAX4375. The other terminal is connected to a 0.6V internal reference.
Comparator Output. Output of the second unlatched internal
comparator.
Comparator Output. Latching output of the comparator controlled by
CIN1. Connect RESET to GND to disable the latch.
Reset Input. Resets the output latch of the comparator at CIN1.
µMAX
Ground
µMAX/SO
SO
No Connection. Not internally connected.
Power Connection to the External Sense Resistor
Load-Side Connection for the External Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com