Electronic Components Datasheet Search
  English  ▼

X  

MAX4373FESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4373FESA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4373FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 9Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 10Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 11Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
______________________________________________________________________________________
11
Ordering Information (continued)
RS-
RS+
OUT
CIN1
CIN2
LOAD
VCC = 2.7V TO 28V
VIN = 0 TO 28V
MAX4375
GND
VCC
VCC
R5
R4
RSENSE
+ VSENSE -
R3
COUT1
R2
R1
COUT2
ILOAD
RESET
VPULL-UP = 5V
Figure 3. MAX4375 Window Detector
+100
14 SO
-40°C to +85°C
MAX4375HESD
+100
10 µMAX
-40°C to +85°C
MAX4375HEUB
+50
14 SO
-40°C to +85°C
MAX4375FESD
+50
10 µMAX
-40°C to +85°C
MAX4375FEUB
+20
14 SO
-40°C to +85°C
MAX4375TESD
+20
10 µMAX
-40°C to +85°C
MAX4375TEUB
+100
14 SO
-40°C to +85°C
MAX4374HESD
+100
10 µMAX
-40°C to +85°C
MAX4374HEUB
+50
14 SO
-40°C to +85°C
MAX4374FESD
+50
10 µMAX
-40°C to +85°C
MAX4374FEUB
+20
14 SO
-40°C to +85°C
MAX4374TESD
+20
10 µMAX
-40°C to +85°C
MAX4374TEUB
GAIN
(V/V)
PIN-
PACKAGE
TEMP. RANGE
PART
1
2
3
4
5
10
9
8
7
6
14
13
12
11
10
9
8
1
2
3
4
5
6
7
1
2
8
7
3
4
6
5
µMAX
SO
µMAX/SO
RS+
RS-
COUT1
COUT2
CIN2
CIN1
OUT
VCC
GND
RS+
RS-
N.C.
COUT1
CIN1
N.C.
OUT
VCC
COUT2
N.C.
GND
N.C.
CIN2
COUT1
GND
RS+
RS-
OUT
CIN1
VCC
TOP VIEW
MAX4374
MAX4375
MAX4374
MAX4375
MAX4373
RESET
RESET
RESET
Pin Configurations
___________________Chip Information
TRANSISTOR COUNT: 390
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com