Electronic Components Datasheet Search
  English  ▼

X  

MAX4373FESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4373FESA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4373FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 9Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VRS+ = +12V, VCC = +12V, RLOAD = 1M
Ω, VRESET = 0, VSENSE = 100mV, VPULL-UP = +5V, RPULL-UP = 10kΩ, TA = +25°C, unless
otherwise noted.)
20
µs/div
1V
3V
150mV
50mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +20V/V)
MAX4373 toc12
20
µs/div
2.5V
7.5V
150mV
50mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +50V/V)
MAX4373 toc13
20
µs/div
500mV
9.5V
95mV
5mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +100V/V)
MAX4373 toc14
0
-10
-100
10
100
1k
10k
100k
COMMON-MODE REJECTION
vs. FREQUENCY
-50
-60
-70
-80
-90
FREQUENCY (Hz)
-40
-30
-20
0
-10
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION
vs. FREQUENCY
-50
-60
-70
-80
-90
FREQUENCY (Hz)
-40
-30
-20
-5
-2
-3
-4
-1
0
1
2
3
4
5
1k
100k
10k
1000k
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
AV = +50V/V
AV = +100V/V
AV = +20V/V
5
4
-5
1k
10k
100k
LARGE-SIGNAL GAIN
vs. FREQUENCY
-3
-4
FREQUENCY (Hz)
0
-1
-2
3
2
1
VIN = 100mVp-p (20, 50)
VIN = 50mVp-p (100)
AV = +50V/V
AV = +20V/V
AV = +100V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com