Electronic Components Datasheet Search
  English  ▼

X  

MAX4373FESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4373FESA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4373FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 9Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 10Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 11Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
10
______________________________________________________________________________________
the Electrical Characteristics and Typical Operating
Characteristics.
Internal Comparator(s)
The MAX4373/MAX4374/MAX4375 contain a latching
output comparator. The negative terminal of the com-
parator is internally connected to the internal reference.
The positive terminal is accessible at CIN1. When
RESET is high, the comparator output latches high
once the comparator threshold is exceeded. When
RESET is low, the latch is transparent.
The MAX4374 and MAX4375 each contain an addition-
al comparator for use in window detection. The nega-
tive terminal of the MAX4374 and the positive terminal
of the MAX4375 are internally connected to the internal
reference. The positive terminal of the MAX4374 and
the negative terminal of the MAX4375 are accessible at
CIN2.
___________Applications Information
Recommended Component Values
Ideally, the maximum load current will develop the full-
scale sense voltage across the current-sense resistor.
Choose the gain version needed to yield the maximum
output voltage required for the application:
where VSENSE is the full-scale sense voltage, 150mV for
gains of +20V/V and +50V/V or 100mV for a gain of
+100V/V. AV is the gain of the device. The minimum
supply voltage is VOUT + 0.25V. Note that the output for
the gain of +100V/V is internally clamped at 12V.
Calculate the maximum value for RSENSE so that the
differential voltage across RS+ and RS- does not
exceed the full-scale sense voltage:
Choose the highest value resistance possible to maxi-
mize VSENSE and thus minimize total output error.
In applications monitoring high current, ensure that
RSENSE is able to dissipate its own I
2R loss. If the resis-
tor’s power dissipation is exceeded, its value may drift
or it may fail altogether, causing a differential voltage
across the terminals in excess of the absolute maxi-
mum ratings. Use resistors specified for current-sens-
ing applications.
Overcurrent Protection Circuit
The overcurrent protection circuit, shown in Figure 2,
uses the MAX4373 to control an external P-channel
MOSFET. The MOSFET controlled by the MAX4373
opens the current path under overload conditions. The
latched output of the MAX4373’s comparator prevents
the circuit from oscillating, and the pushbutton resets
the current path after an overcurrent condition.
Window Detection Circuit
Figure 3 shows a simple circuit suitable for window
detection. Let IOVER be the minimum load current
(ILOAD) required to cause a low state at COUT2, and let
IUNDER be the maximum load current required to cause
a high state at COUT1:
where AV is the gain of the device and VREF is the inter-
nal reference voltage (0.6V typ).
Connect COUT1 and COUT2; the resulting comparator
output will be high when the current is inside the cur-
rent window and low when the current is outside the
window. The window is defined as load currents less
than IOVER and greater than IUNDER.
RS-
RS+
OUT
CIN1
LOAD
MAX4373
GND
COUT1
RESET
PUSHBUTTON
VCC
2.7V TO 5.5V
Figure 2. MAX4373 Overcurrent Protection Circuit
VV
A
OUT
SENSE
V
=
×
R
V
I
SENSE MAX
LOAD
SENSE MAX
()
()
=
I
V
RA
RR
R
and
I
V
RA
RR
R
UNDER
REF
SENSE
V
OVER
REF
SENSE
V
=
+


=
+


×
×
45
5
12
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com