Electronic Components Datasheet Search
  English  ▼

X  

FT220X Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT220X Datasheet HTML 16Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 17Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 18Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 19Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 20Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 21Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 22Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 23Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
20
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT220X devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Conditions
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-
STD-033A MSL
Level 3
Compliant)*
Hours
Ambient Operating Temperature (Power
Applied)
-40°C to 85°C
Degrees C
MTTF FT220XS
TBD
Hours
MTTF FT220XQ
TBD
Hours
VCC Supply Voltage
-0.3 to +5.5
V
VCCIO IO Voltage
-0.3 to +4.0
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – High Impedance
Bi-directionals (powered from VCCIO)
-0.3 to +5.8
V
DC Output Current – Outputs
22
mA
ESD Charge Device Mode(CDM)
500
V
Class III
ESD Human Body Mode (HDM)
2000
V
Class 2
Table 6.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
6.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Charged Device Mode (CDM)
> ± 500V
Latch-up
> ± 200mA
Table 6.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com