Electronic Components Datasheet Search
  English  ▼

X  

FT220X Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT220X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 9Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 10Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 11Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 12Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
9
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
3.2 16-LD SSOP Package
MIOSI1
4
MIOSI3
6
MISO
7
USBDP
8
USBDM
9
3V3OUT
10
RESET#
11
CS#
14
CLK
15
CBUS3
16
MIOSI0
1
MIOSI2
2
Figure 3.2 SSOP Schematic Symbol
3.2.1 SSOP Package PinOut Description
Note : # denotes an active low signal.
Pin No.
Name
Type
Description
12
**
VCC
POWER
Input
5 V (or 3V3) supply to IC
3
VCCIO
POWER
Input
1V8 - 3V3 supply for the IO cells
10
**
3V3OUT
POWER
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3; pin 10 is an input pin. Connect to
pin 12.
5, 13
GND
POWER
Input
0V Ground input.
Table 3.4 Power and Ground
** If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input
Pin No.
Name
Type
Description
9
USBDM
INPUT
USB Data Signal Minus.
8
USBDP
INPUT
USB Data Signal Plus.
11
RESET#
INPUT
Reset input (active low).
Table 3.5 Common Function pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com