Electronic Components Datasheet Search
  English  ▼

X  

FT220X Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT220X Datasheet HTML 38Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 39Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 40Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 41Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 42Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 43Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 44Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 45Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 46Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
44
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
Appendix B - List of Figures and Tables
List of Figures
Figure 2.1 FT220X Block Diagram ...................................................................................................4
Figure 3.1 QFN Schematic Symbol ..................................................................................................7
Figure 3.2 SSOP Schematic Symbol ................................................................................................9
Figure 5.1: FT1248 Basic Waveform Protocol.................................................................................. 14
Figure 5.2: FT1248 Command Structure ........................................................................................ 15
Figure 5.3: FT1248 Clock Format CPHA = 1 ................................................................................... 17
Figure 5.4: FT1248 Clock Format CPHA = 1 ................................................................................... 18
Figure 7.1 Bus Powered Configuration ........................................................................................... 26
Figure 7.2 Self Powered Configuration ........................................................................................... 27
Figure 7.3 Bus Powered with Power Switching Configuration ............................................................ 28
Figure 7.4 USB Battery Charging Detection .................................................................................... 29
Figure 8.1 Application Example showing USB to FT1248 host ........................................................... 31
Figure 8.2 FT1248 1- bit write timing diagram................................................................................ 32
Figure 8.3 FT1248 1- bit read timing diagram ................................................................................ 33
Figure 9.1: Simplified memory map for the FT-X ............................................................................ 36
Figure 10.1 SSOP-16 Package Dimensions ..................................................................................... 37
Figure 10.2 SSOP-16 Package Markings......................................................................................... 38
Figure 10.3 QFN-16 Package Dimensions ....................................................................................... 39
Figure 10.4 QFN-16 Package Markings .......................................................................................... 40
Figure 10.5 FT220X Solder Reflow Profile....................................................................................... 41
List of Tables
Table 3.1 Power and Ground ..........................................................................................................7
Table 3.2 Common Function pins ....................................................................................................7
Table 3.3 FT1248 Interface and CBUS Group (see note 1)..................................................................8
Table 3.4 Power and Ground ..........................................................................................................9
Table 3.5 Common Function pins ....................................................................................................9
Table 3.6 FT1248 Interface and CBUS Group (see note 1)................................................................ 10
Table 3.7 CBUS Configuration Control ........................................................................................... 11
Table 5.1: FT1248 Commands...................................................................................................... 16
Table 5.2: CPOL & CPHA Mode Numbers ........................................................................................ 16
Table 5.3: 1V8 VCCIO timings ...................................................................................................... 18
Table 5.4: 2V5 VCCIO timings ...................................................................................................... 19
Table 5.5: 3V3 VCCIO timings ...................................................................................................... 19
Table 6.1 Absolute Maximum Ratings ............................................................................................ 20
Table 6.2 ESD and Latch-Up Specifications .................................................................................... 20
Table 6.3 Operating Voltage and Current ....................................................................................... 21
Table 6.4 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 22
Table 6.5 I/O Pin Characteristics VCCIO = +2.5V (except USB PHY pins) ........................................... 23
Table 6.6 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ........................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com