Electronic Components Datasheet Search
  English  ▼

X  

FT220X Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT220X Datasheet HTML 1Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 2Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 3Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
Future Technology Devices
International Ltd.
FT220X
(USB 4-BIT SPI/FT1248 IC)
The FT220X is a USB to FTDI’s
proprietary FT1248 interface and the
following advanced features:
FT1248 serial parallel interface in 1, 2 or 4 bit
wide mode.
Similar to an SPI slave in 1 bit mode
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface
to external MCU or FPGA.
Data transfer rates to 500kByte/s.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Configurable CBUS I/O pin.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a
higher power source to enable improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB Power Configurations; supports bus-
powered, self-powered and bus-powered with
power switching.
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input.
(operates down to 1V8 with external pull-ups)
Tolerant of 5V input.
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max)
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
+ 5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
Low USB bandwidth consumption.
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 16 Pin SSOP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT220X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT220XQ ETC2-FT220XQ Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
logo
List of Unclassifed Man...
FT220XS ETC2-FT220XS Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT220X

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT121 FTDI-FT121 Datasheet
1Mb / 46P
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
FT122 FTDI-FT122 Datasheet
1Mb / 47P
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
FT200XD USB I2C SLAVE IC Datasheet Version 1.3
UMFT221XE FTDI-UMFT221XE Datasheet
770Kb / 18P
UMFT221XE USB to 8-bit SPI/FT1248 Development Module
logo
Silicon Laboratories
1303291 SILABS-1303291 Datasheet
84Kb / 1P
Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
logo
Future Technology Devic...
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
USB 8-BIT FIFO IC
logo
Holtek Semiconductor In...
HT42B533-1 HOLTEK-HT42B533-1 Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
HT42B533-X HOLTEK-HT42B533-X Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
logo
List of Unclassifed Man...
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com