Electronic Components Datasheet Search
  English  ▼

X  

FT221X Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT221X
Description  The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221X Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT221X Datasheet HTML 9Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 10Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 12Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 13Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 14Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 15Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 16Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
13
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
input receiver and two single ended input receivers provide USB data in, Single-Ended-0 (SE0) and USB
reset detection conditions respectfully. This function also incorporates a 1.5kΩ pull up resistor on USBDP.
The block also detects when connected to a USB power supply which will not enumerate the device but
still supply power and may be used for battery charging.
USB DPLL. The USB DPLL cell locks on to the incoming NRZI USB data and generates recovered clock
and data signals for the Serial Interface Engine (SIE) block.
Internal 12MHz Oscillator - The Internal 12MHz Oscillator cell generates a 12MHz reference clock. This
provides an input to the x4 Clock Multiplier function. The 12MHz Oscillator is also used as the reference
clock for the SIE, USB Protocol Engine and UART FIFO controller blocks.
Clock Multiplier / Divider. The Clock Multiplier / Divider takes the 12MHz input from the Internal
Oscillator function and generates the 48MHz, 24MHz, 12MHz and 6MHz reference clock signals. The 48Mz
clock reference is used by the USB DPLL and the Baud Rate Generator blocks.
Serial Interface Engine (SIE). The Serial Interface Engine (SIE) block performs the parallel to serial
and serial to parallel conversion of the USB data. In accordance with the USB 2.0 specification, it
performs bit stuffing/un-stuffing and CRC5/CRC16 generation. It also checks the CRC on the USB data
stream.
USB Protocol Engine. The USB Protocol Engine manages the data stream from the device USB control
endpoint. It handles the low level USB protocol requests generated by the USB host controller and the
commands for controlling the functional parameters of the UART in accordance with the USB 2.0
specification chapter 9.
FIFO RX Buffer (512 bytes). Data sent from the USB host controller to the FT1248 interface via the
USB data OUT endpoint is stored in the FIFO RX (receive) buffer. Data is removed from the buffer to the
FT1248 transmit register under control of the FT1248 FIFO controller. (Rx relative to the USB interface).
FIFO TX Buffer (512 bytes). Data from the FT1248 receive register is stored in the TX buffer. The USB
host controller removes data from the FIFO TX Buffer by sending a USB request for data from the device
data IN endpoint. (Tx relative to the USB interface).
FT1248 interface controller. Controls the FT1248 interface, dynamically switching the width of the bus
as commanded by the external bus master.
RESET Generator - The integrated Reset Generator Cell provides a reliable power-on reset to the device
internal circuitry at power up. The RESET# input pin allows an external device to reset the FT221X.
RESET# can be tied to VCC or left unconnected if not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com