Electronic Components Datasheet Search
  English  ▼

X  

FT221X Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT221X
Description  The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221X Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT221X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 9Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 10Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 11Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
8
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
Pin No.
Name
Type
Description
9
USBDM
INPUT
USB Data Signal Minus.
8
USBDP
INPUT
USB Data Signal Plus.
11
RESET#
INPUT
Reset input (active low).
Table 3.2 Common Function pins
Pin No.
Name
Type
Description
17
MIOSI[0]
I/O
Bi-Directional data bit 0
1
MIOSI[1]
I/O
Bi-Directional data bit 1
19
MIOSI[2]
I/O
Bi-Directional data bit 2
6
MIOSI[3]
I/O
Bi-Directional data bit 3
18
MIOSI[4]
I/O
Bi-Directional data bit 4
4
MIOSI[5]
I/O
Bi-Directional data bit 5
5
MIOSI[6]
I/O
Bi-Directional data bit 6
2
MIOSI[7]
I/O
Bi-Directional data bit 7
15
CLK
Input
Clock input from FT1248 interface master
14
CS#
Input
Chip select input to enable the device interface. Active low logic.
7
MISO
Output
Master In Serial Out. Used to provide status information to the FT1248
interface master.
16
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
Table 3.3 FT1248 Interface and CBUS Group (see note 1)
Notes:
1. When used in Input Mode, the input pins are pulled to VCCIO via internal 75kΩ (approx) resistors.
These pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the MTP memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com