Electronic Components Datasheet Search
  English  ▼

X  

FT221X Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT221X
Description  The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221X Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT221X Datasheet HTML 1Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 2Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 3Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
Future Technology Devices
International Ltd.
FT221X
(USB 8-Bit SPI/FT1248 IC)
The FT221X is a USB to FTDI’s
proprietary FT1248 interface with the
following advanced features:
Single chip USB to 1, 2, 4, or 8 bit wide
synchronous interface.
Similar to an SPI Slave with variable bus width.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface
to external MCU or FPGA.
Data transfer rates to 1MByte/s.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Configurable CBUS I/O pin.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a
higher power source to enable improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB Power Configurations; supports bus-
powered, self-powered and bus-powered with
power switching.
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
operates down to 1V8 with external pull-ups.
Tolerant of 5V inputs.
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max)
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
+ 5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
Low USB bandwidth consumption.
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed capable.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 20 Pin SSOP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT221X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT221XQ ETC2-FT221XQ Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT221XQ-x FTDI-FT221XQ-x Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT221XS ETC2-FT221XS Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT221XS-x FTDI-FT221XS-x Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
More results

Similar Description - FT221X

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
Provides the following
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
Future Technology Devic...
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT600 FTDI-FT600 Datasheet
1Mb / 29P
The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
This reference design features the following elements
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com