Electronic Components Datasheet Search
  English  ▼

X  

FT221X Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT221X
Description  The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT221X Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT221X Datasheet HTML 1Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 2Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 3Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT221X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
4
FT221X USB 8-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000630 Clearance No.: FTDI# 263
2 FT221X Block Diagram
3.3 Volt LDO
Regulator
1.8 Volt LDO
Regulator
USB
Transceiver
with
Integrated
1.5k pullups
and battery
charge
detection
USB DPLL
Internal
12MHz
Oscillator
X4 Clock
Multiplier
Serial Interface
Engine
(SIE)
USB
Protocol Engine
FT1248
Controller
Reset
Generator
FIFO TX Buffer
(512 bytes)
FIFO RX Buffer
(512 bytes)
Internal MTP
Memory
48MHz
GND
RESET#
To USB Transceiver Cell
3V3OUT
VCCIO
3V3OUT
VCC
USBDP
USBDM
1V8 Internal
Core Supply
MIOSI[0]
MIOSI[1]
MIOSI[2]
MIOSI[3]
MIOSI[4]
MIOSI[5]
MIOSI[6]
MISOI[7]
CLK
CS#
MISO
CBUS3
Figure 2.1 FT221X Block Diagram
For a description of each function please refer to Section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com