Electronic Components Datasheet Search
  English  ▼

X  

FT312D Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT312D
Description  The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT312D Datasheet HTML 1Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 2Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 3Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 4Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 5Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
4
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Part Numbers ..................................................................................... 2
1.2
USB Compliant .................................................................................... 2
2
FT312D Block Diagram ................................................................. 3
3
Device Pin Out and Signal Description.......................................... 6
3.1
Package Symbol.................................................................................. 6
3.1.1
Package PinOut Description...........................................................................................6
4
Function Description..................................................................... 8
4.1
Key Features....................................................................................... 8
4.2
Functional Block Descriptions ............................................................. 8
4.2.1
UART Interface Module .................................................................................................8
4.2.2
Buffers .......................................................................................................................8
4.2.3
USB Host ....................................................................................................................8
4.2.4
USB Transceivers.........................................................................................................8
4.3
Default Descriptor Strings .................................................................. 8
5
UART Interface........................................................................... 10
6
USB Error Detection.................................................................... 12
7
Absolute Maximum Ratings ........................................................ 13
7.1
DC Characteristics .............................................................................14
7.2
ESD and Latch-up Specifications........................................................15
8
Application Examples ................................................................. 16
8.1
USB to UARTConverter.......................................................................16
8.2
USB to RS232 Converter ....................................................................17
9
Package Parameters................................................................... 18
9.1
FT312D Package Markings .................................................................18
9.1.1
QFN-32 .................................................................................................................... 18
9.1.2
LQFP-32 ................................................................................................................... 19
9.2
FT312DPackage Dimensions ..............................................................20
9.2.1
QFN-32 Package Dimensions ....................................................................................... 20
9.2.2
LQFP-32 Package Dimensions...................................................................................... 21
9.3
Solder Reflow Profile .........................................................................22
10
Contact Information ................................................................... 24
Appendix A – References ............................................................................25
Appendix B - List of Figures and Tables ......................................................26
Appendix C - Revision History.....................................................................27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com