Electronic Components Datasheet Search
  English  ▼

X  

FT312D Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT312D
Description  The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT312D Datasheet HTML 3Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 4Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 5Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 9Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 10Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
7
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
Pin No.
Name
Type
Description
4
XTIN
INPUT
Input to 12MHz Oscillator Cell. Connect 12MHz crystal
across pins 4 and 5.
5
XTOUT
OUTPUT
Output from 12MHz Oscillator Cell. Connect 12MHz
crystal across pins 4 and 5.
8
TEST1
INPUT
For internal use. Pull to GND
9
TEST2
INPUT
For factory use. Pull to 3V3.
10
RESET#
INPUT
Reset input (active low).
11
TEST0
OUTPUT
Leave unterminated.
12
NC
-
No connect pins. Leave unterminated.
17
USBDP
INPUT/OUTPUT USB Data Signal Plus.
18
USBDM
INPUT/OUTPUT USB Data Signal Minus.
20
NC
-
No connect pins. Leave unterminated.
21
NC
-
No connect pins. Leave unterminated.
23
TXD
OUTPUT
Transmit asynchronous data output
24
RXD
INPUT
Receive asynchronous data input
25
RTS#
OUTPUT
Request to send control output
26
CTS#
INPUT
Clear to send control input
29
TX_ACTIVE
OUTPUT
UART active signal (typically used with RS485)
30
NC
-
No connect pins. Leave un-terminated
31
NC
-
No connect pins. Leave un-terminated
32
USB_ERROR#
OUTPUT
Output signal to indicate a problem with the USB
connection
Table 3.2 Function pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com