Electronic Components Datasheet Search
  English  ▼

X  

FT312D Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT312D
Description  The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT312D Datasheet HTML 2Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 3Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 4Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 5Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 9Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
6
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
3 Device Pin Out and Signal Description
3.1 Package Symbol
17
18
19
20
21
22
23
24
USBDP
FT312D
QFN 32
USBDM
GND
NC
NC
VCCIO
TXD
RXD
1
2
3
4
5
6
7
8
TEST1
VREGOUT
GND
XTOUT
XTIN
AVCC
VCC
GND
Figure 3.1QFN Schematic Symbol
NOTE: The pinout is the same for the QFN and LQFP packages.
NOTE: Pin 33 on the symbol is the copper pad in the centre of the QFN package
3.1.1 Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
2
VCC
POWER
Input
3V3 supply to IC internal 1V8 regulator
3
AVCC
POWER
Input
1V8 supply to IC core
13, 22, 28
VCCIO
POWER
Input
3V3 supply for the IO cells
7
VREGOUT
POWER
Output
1V8 output. May be used as input source for pin 3.
1,6,14,15,16,19,27
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com