Electronic Components Datasheet Search
  English  ▼

X  

FT312D Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT312D
Description  The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT312D Datasheet HTML 1Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 2Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 3Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 4Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 5Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 6Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 7Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 8Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
Future Technology Devices
International Ltd.
DS_FT312D
(USB Android Host IC)
The FT312D is a USB 2.0 Full Speed
host
IC
specifically
targeted
at
providing
access
to
peripheral
hardware from an Android platform
with a USB device port. The device will
bridge the USB port to a UART
interface
via
the
Android
Open
Accessory
protocol
and
has
the
following advanced features:
Single chip USB to UART interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Supports USB bulk transfer mode
Basic UART interface with RXD, TXD, RTS#,
CTS# pins.
TX_ACTIVE signal for controlling transceivers
on RS485 interfaces.
UART RX buffer size is 5512 bytes
UART TX buffer size is 256 bytes
USB_ERROR indicator pin
Suitable for use on any Android platform
supporting Android Open Accessory Mode
(Typically
3.1
onwards,
however
some
platforms may port Open Accessory Mode to
version 2.3.4)
12MHz oscillator using external crystal.
Integrated power-on-reset circuit.
+3V3Single Supply Operation with 5V tolerant
inputs.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40⁰C
to 85⁰C.
Available in compact Pb-free 32 Pin LQFP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT312D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT312D-32L1C ETC1-FT312D-32L1C Datasheet
701Kb / 25P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT312D-32L1C FTDI-FT312D-32L1C Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32L1C FTDI-FT312D-32L1C Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32L1C-X FTDI-FT312D-32L1C-X Datasheet
757Kb / 27P
Future Technology Devices International Ltd.
Nov 2013
logo
List of Unclassifed Man...
FT312D-32Q1C ETC1-FT312D-32Q1C Datasheet
701Kb / 25P
Future Technology Devices International Ltd.
More results

Similar Description - FT312D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB370 ATMEL-AT43USB370 Datasheet
572Kb / 50P
USB 2.0 Full-Speed Host/Function Processor
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
Future Technology Devic...
DS_FT311D FTDI-DS_FT311D Datasheet
1Mb / 40P
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Future Technology Devic...
FT311D FTDI-FT311D Datasheet
1Mb / 40P
USB Android Host IC
Version 1.2
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
USB Android Host IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
USB Android Host Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com