Electronic Components Datasheet Search
  English  ▼

X  

MAX4514ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4514ESA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4514ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS— +5V Supply (continued)
(V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS— +12V Supply
(V+ = +11.4V to +12.6V, VINH = 5V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
pC
210
Q
Charge Injection
(Note 4)
CONDITIONS
f = 1MHz, TA = +25°C, Figure 4
pF
f = 1MHz, TA = +25°C, Figure 4
14
CCOM(OFF)
COM Off Capacitance
pF
14
CNO(OFF),
CNC(OFF)
dB
≤-90
VISO
Off Isolation
NO or NC Off Capacitance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
CL = 1nF, VNO = 0V,
RS = 0Ω, TA = +25°C, Figure 1
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz, TA = +25°C, Figure 3
f = 1MHz, TA = +25°C, Figure 4
pF
30
CCOM(ON)
COM On Capacitance
VIN = 0V or V+
µA
-10
10
I+
V+ Supply Current
-1
1
TA = +25°C
TA = TMIN to TMAX
VCOM = 10V, ICOM = 1mA
Ω
15
RON
510
COM to NO or NC
On-Resistance
VCOM = 10V, VNO = +1V
nA
-200
200
I(NO)OFF
I(NC)OFF
VIN = V+, 0V
µA
-1
0.03
1
IINH, IINL
Input Current Logic
High or Low
NO, NC Off-Leakage
Current (Note 3)
CONDITIONS
V
0
0.8
VINL
Input Logic Low
IN = 0V or V+
µA
-20
20
I+
V+ Supply Current
-2
2
V
5V+
VINH
Input Logic High
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
-50
50
-2
2
TA = +25°C
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V
0V+
VCOM, VNO,
VNC
Analog Signal Range
C, E
TA = TMIN
to TMAX
M
M
VCOM = 10V,
VNO or VNC = 1V
nA
-200
200
ICOM(OFF)
COM Off-Leakage Current
(Note 3)
-50
50
-2
2
TA = +25°C
TA = TMIN
to TMAX
C, E
M
VCOM = 10V
nA
-400
400
ICOM(ON)
COM On-Leakage Current
(Note 3)
-100
100
-4
4
TA = +25°C
TA = TMIN
to TMAX
C, E
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
ANALOG SWITCH
DIGITAL I/O
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com