Electronic Components Datasheet Search
  English  ▼

X  

MAX4514ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4514ESA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4514ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
5
100
10
1
0.1
0.00001
-60
40 60 80 100 120
-40 -20 0
20
140
ON/OFF-LEAKAGE vs. TEMPERATURE
TEMPERATURE (°C)
0.01
0.001
0.0001
ICOM(ON)
ICOM(OFF)
V+ = +5.5V
100
0.01
10
1000
10,000
100
100,000
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
600
Ω IN/OUT, V+ = +5V
0
-10
-20
-30
-50
-40
-120
0.0001
1
10
100
0.001 0.01 0.1
1000
FREQUENCY RESPONSE
MAX4514/15-05
FREQUENCY (MHz)
-60
-70
-90
-80
-100
-110
60
50
40
30
10
20
-60
0
-10
-30
-20
-40
-50
ON LOSS
ON PHASE
OFF ISOLATION
50
Ω IN AND OUT,
V+ = +5V
160
180
200
0
20
60
40
06
48
10
212
TON/TOFF vs. VSUPPLY
V+ SUPPLY (V)
100
80
120
140
TON
TOFF
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, GND = 0V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
Ground
7
Analog Switch (normally open)
8
Digital Control Input
6
Positive Supply-Voltage Input (analog and digital)
4
No Connect (not internally connected)
2, 3, 5
Analog Switch Common Terminal
1
Analog Switch (normally closed)
—
—
3
2
4
5
MAX4514
—
1
2
8
3
—
4
5
MAX4515
—
1
7
—
6
4
2, 3, 5
1
NC
GND
NO
IN
V+
N.C.
COM
SOT23-5
DIP/SO
SOT23-5
FUNCTION
DIP/SO
NAME
Note: NO, NC, and COM pins are identical and interchangeable. Any may be considered as an input or an output; signals pass
equally well in both directions.
PIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com