Electronic Components Datasheet Search
  English  ▼

X  

MAX4514ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4514ESA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4514ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
30
0
5
10
02
3
4
15
ON-RESISTANCE vs.
VCOM OVER TEMPERATURE
VCOM (V)
15
20
25
V+ = +5V
TA = +125°C
TA = +85°C
TA = +70°C
TA = 0°C
TA = -55°C
TA = +25°C
100
1
06
8
10
24
12
ON-RESISTANCE vs. VCOM
VCOM (V)
10
V+ = +2V
V+ = +3V
V+ = +5V
V+ = +9V
V+ = +12V
30
-10
-5
5
0
06
48
10
212
CHARGE INJECTION vs. VCOM
VCOM (V)
15
10
20
25
VNO/NC, V+ = +3V
VNO/NC, V+ = +12V
VNO/NC, V+ = +5V
VNO/NC, V+ = +10V
__________________________________________Typical Operating Characteristics
(V+ = +5V, GND = 0V, TA = +25°C, unless otherwise noted.)
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS— +3V Supply
(V+ = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation at +25°C.
Note 4: Guaranteed, not production tested.
Note 5: SOT packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaranteed by
design and correlation limits at +25°C.
Ω
75
RON
20
50
COM to NO or NC
On-Resistance
CONDITIONS
Figure 2
ns
240
tON
Turn-On Time
(Note 4)
45
150
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V
0V+
VCOM, VNO,
VNC
Analog Signal Range
V
2.4
V+
VINH
Input Logic High
VIN = V+, 0V
µA
V
0
0.80
VINL
-1
0.03
1
IINH, IINL
Input Current Logic
High or Low
Input Logic Low
Figure 2
ns
150
tOFF
Turn-Off Time
(Note 4)
30
100
TA = TMIN to TMAX
TA = +25°C
pC
410
Q
Charge Injection
(Note 4)
CL = 1nF, Figure 1
IN = 0V or V+
µA
-10
10
I+
V+ Supply Current
-1
1
TA = TMIN to TMAX
TA = +25°C
VCOM = 1.5V, INO = 1mA,
V+ = 3V
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com