Electronic Components Datasheet Search
  English  ▼

X  

MAX4514ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4514ESA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4514ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4514ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
7
50%
tOFF
tON
VNO PEAK
VOUT
VOUT
VIN
V+
0V
V+
VOUT
GND
V+
IN
NO
COM
VNO
50
Ω
MAX4514
300
Ω
35pF
90%
90%
0V
VIN
50%
tON
tOFF
VNC PEAK
VIN
V+
0V
V+
VOUT
GND
V+
IN
NC
COM
VNC
50
Ω
MAX4515
300
Ω
35pF
90%
90%
0V
VIN
Figure 2. Switching Times
_________________________________Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST
SHORT AT SOCKET TERMINALS. OFF ISOLATION IS
MEASURED BETWEEN COM AND “OFF” TERMINAL
ON EACH SWITCH. ON LOSS IS MEASURED BETWEEN
COM AND “ON” TERMINAL ON EACH SWITCH. SIGNAL
DIRECTION THROUGH SWITCH IS REVERSED; WORST
VALUES ARE RECORDED.
V+
V+
VOUT
GND
V+
IN
NO
OR
NC
COM
VIN
MAX4514
MAX4515
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
Figure 3. Off Isolation and On Loss
V+
GND
V+
IN
NO
or
NC
COM
MAX4514
MAX4515
1MHz
CAPACITANCE
ANALYZER
AS
REQUIRED
Figure 4. NO, NC, and COM Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com