Electronic Components Datasheet Search
  English  ▼

X  

8745B-21 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8745B-21
Description  Differential CLK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8745B-21 Datasheet(HTML) 1 Page - Integrated Device Technology

  8745B-21 Datasheet HTML 1Page - Integrated Device Technology 8745B-21 Datasheet HTML 2Page - Integrated Device Technology 8745B-21 Datasheet HTML 3Page - Integrated Device Technology 8745B-21 Datasheet HTML 4Page - Integrated Device Technology 8745B-21 Datasheet HTML 5Page - Integrated Device Technology 8745B-21 Datasheet HTML 6Page - Integrated Device Technology 8745B-21 Datasheet HTML 7Page - Integrated Device Technology 8745B-21 Datasheet HTML 8Page - Integrated Device Technology 8745B-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
8745B-21 Rev D 2/17/15
1
©2015 Integrated Device Technology, Inc.
DATA SHEET
1:1 Differential-to-LVDS Zero Delay
Clock Generator
8745B-21
General Description
The 8745B-21 is a highly versatile 1:1 LVDS Clock Generator. The
8745B-21 has a fully integrated PLL and can be configured as zero
delay buffer, multiplier or divider, and has an output frequency range
of 31.25MHz to 700MHz. The Reference Divider, Feedback Divider
and Output Divider are each programmable, thereby allowing for the
following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4,
1:8. The external feedback allows the device to achieve “zero delay”
between the input clock and the output clock. The PLL_SEL pin can
be used to bypass the PLL for system test and debug purposes. In
bypass mode, the reference clock is routed around the PLL and into
the internal output dividers.
Features
• One differential LVDS output designed to meet
or exceed the requirements of ANSI TIA/EIA-644
One differential feedback output pair
• Differential CLK, nCLK input pair
• CLKx, nCLKx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 30ps (maximum)
• Output skew: 35ps (maximum)
• Static phase offset: 25ps ± 125ps
• Full 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
QFB
nQFB
VDDO
SEL2
FB_IN
nFB_IN
MR
nCLK
CLK
GND
SEL1
SEL0
VDD
PLL_SEL
VDDA
SEL3
GND
Q
nQ
VDDO
8745B-21
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm package body
M Package
Top View
Block Diagram
PLL_SEL
CLK
nCLK
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q
nQ
QFB
nQFB
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64
Pullup
Pullup
Pulldown
Pullup
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pin Assignment


Similar Part No. - 8745B-21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
More results

Similar Description - 8745B-21

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8105 HOLTIC-HI-8105 Datasheet
111Kb / 5P
PROGRAMMABLE DIVIDER WITH OSC OR CLK
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
logo
Rohm
BD63510EFV ROHM-BD63510EFV Datasheet
1Mb / 25P
CLK-IN drive mode
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
234Kb / 18P
CLK input supports the following input types
86004I IDT-86004I Datasheet
231Kb / 13P
CLK accepts the following input levels
logo
Toshiba Semiconductor
TB62269FTG TOSHIBA-TB62269FTG Datasheet
975Kb / 27P
PWM method CLK-IN bipolar stepping motor driver
logo
Integrated Silicon Solu...
IS43R16800CC ISSI-IS43R16800CC Datasheet
748Kb / 37P
Commands entered on each positive CLK edge
logo
Maxim Integrated Produc...
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
logo
Toshiba Semiconductor
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com