Electronic Components Datasheet Search
  English  ▼

X  

MAX4529ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4529ESA
Description  Low-Voltage, Bidirectional RF/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4529ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4529ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX4529 is a low-voltage T-switch designed for
switching RF and video signals from DC to 300MHz in
50
Ω and 75Ω systems. This switch is constructed in a
“T” configuration, ensuring excellent high-frequency off
isolation of -80dB at 10MHz.
The MAX4529 can handle Rail-to-Rail® analog signals
in either direction. On-resistance (70
Ω max) is flat (0.5Ω
max) over the specified signal range, using ±5V sup-
plies. The off leakage current is less than 1nA at +25°C
and 20nA at +85°C.
This CMOS switch can operate with dual power sup-
plies ranging from ±2.7V to ±6V or a single supply
between +2.7V and +12V. All digital inputs have
0.8V/2.4V logic thresholds, ensuring both TTL- and
CMOS-logic compatibility when using ±5V or a single
+5V supply.
________________________Applications
RF Switching
Video Signal Routing
High-Speed Data Acquisition
Test Equipment
ATE Equipment
Networking
____________________________Features
o High 50
Ω Off Isolation: -80dB at 10MHz
o DC to 300MHz -3dB Signal Bandwidth
o 70
Ω Signal Paths with ±5V Supplies
o 10
Ω Signal-Path Flatness with ±5V Supplies
o ±2.7V to ±6V Dual Supplies
+2.7V to +12V Single Supply
o Low Power Consumption: <1µW
o Rail-to-Rail Bidirectional Signal Handling
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs with
Single +5V or ±5V
Low-Voltage, Bidirectional
RF/Video Switch
________________________________________________________________
Maxim Integrated Products
1
8
7
6
5
1
2
3
4
MAX4529
DIP/SO/
µMAX
V+
COM
N.C.
V-
IN
GND
NC
N.C.
N.C. = NOT INTERNALLY CONNECTED
LOGIC
SWITCH
0
1
ON
OFF
6
5
4
1
2
3
MAX4529
SOT23-6
COM
GND
IN
V-
V+
NC
_______________________Pin Configurations/Functional Diagrams/Truth Table
19-1262; Rev 0; 3/98
Ordering Information
*
Contact factory for dice specifications.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
PART
MAX4529CPA
MAX4529CSA
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
8 Plastic DIP
8 Narrow SO
SOT
TOP MARK
—
—
MAX4529CUA
MAX4529CUT-T
—
0°C to +70°C
0°C to +70°C
8 µMAX
6 SOT23-6
AAAQ
MAX4529C/D
MAX4529EPA
—
-40°C to +85°C
0°C to +70°C
Dice*
8 Plastic DIP
—
MAX4529ESA
MAX4529EUA
—
-40°C to +85°C
-40°C to +85°C
8 Narrow SO
8 µMAX
—
MAX4529EUT-T
-40°C to +85°C
6 SOT23-6
AAAQ


Similar Part No. - MAX4529ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX452-MAX455 MAXIM-MAX452-MAX455 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4520EUA MAXIM-MAX4520EUA Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4520EUT-T MAXIM-MAX4520EUT-T Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results

Similar Description - MAX4529ESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
ADG752 AD-ADG752 Datasheet
131Kb / 8P
CMOS, Low Voltage RF/Video, SPDT Switch
REV.0
logo
Intersil Corporation
IH5352 INTERSIL-IH5352 Datasheet
118Kb / 8P
Quad SPST, CMOS RF/Video Switch
July 1999
logo
Maxim Integrated Produc...
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
Low Voltage Bidirectional Transceiver
Revised December 2013
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com