Electronic Components Datasheet Search
  English  ▼

X  

MAX4529ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4529ESA
Description  Low-Voltage, Bidirectional RF/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4529ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4529ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Voltage, Bidirectional
RF/Video Switch
_______________________________________________________________________________________
3
VIN = 5Vp-p, f < 20kHz,
600
Ω in and out
RL = 50Ω, Figure 4
VNC = GND, f = 1MHz, Figure 5
CL = 1.0nF, VNC = 0V, RS = 0Ω,
Figure 3
VCOM = ±3V, V+ = 5V, V- = -5V,
Figure 2
VCOM = ±3V, V+ = 5V, V- = -5V,
Figure 2
CONDITIONS
%
0.004
THD+N
Distortion
MHz
300
BW
-3dB Bandwidth
11.5
pF
6
CNC(OFF)
NC Off Capacitance
pC
5
10
Q
Charge Injection (Note 3)
ns
37
75
tOFF
Turn-Off Time
ns
45
75
tON
Turn-On Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V+ = 5.5V, VIN = 0V or V+,
V- = -5.5V
µA
-1
0.05
1
I-
V - Supply Current
µA
-1
0.05
1
I+
V+ Supply Current
V
±2.7
±6
V+, V-
Power-Supply Range
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TA
+25°C
+25°C
C, E
VCOM = VNC = 0V, f = 1MHz,
Figure 5
pF
CCOM(ON)
COM_ On Capacitance
+25°C
C, E
-10
10
C, E
-10
10
C, E
100
C, E
100
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINL = 0.8V, VINH = 2.4V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
VCOM = 0V, f = 1MHz, Figure 5
pF
6
CCOM(OFF)
COM_ Off Capacitance
+25°C
-80
RL = 50Ω, VCOM = 1VRMS,
f = 10MHz, Figure 4
dB
VISO
Off Isolation (Note 7)
+25°C
V+ = 5.5V, VIN = 0V or V+,
V- = -5.5V
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com