Electronic Components Datasheet Search
  English  ▼

X  

MAX4529ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4529ESA
Description  Low-Voltage, Bidirectional RF/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4529ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4529ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Voltage, Bidirectional
RF/Video Switch
6
_______________________________________________________________________________________
0
20
10
40
30
60
50
70
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
V+ = 5V
V- = -5V
+125°C
+85°C
+70°C
+25°C
0°C
-40°C
-55°C
0
40
20
100
80
60
140
160
120
180
-55
5
25
-35 -15
45
65
85 105 125
ON-TIME vs. TEMPERATURE
TEMPERATURE (°C)
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
V+ = 3V
V- = 0V
0.01
1
0.1
1000
100
10
100,000
10,000
1,000,000
-55
5
25
-35 -15
45
65
85 105 125
SUPPLY, COM, AND NC
LEAKAGE CURRENTS vs. TEMPERATURE
TEMPERATURE (°C)
V+ = 5V
V- = -5V
I+, I-
ION
IOFF
0
3
6
9
12
15
-5
-1
0
-3
-2
-4
1
2
3
4
5
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
V+ = 3V
V- = 0V
0
20
10
50
40
30
70
60
80
-55
5
25
-35 -15
45
65
85 105 125
OFF-TIME vs. TEMPERATURE
TEMPERATURE (°C)
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
V+ = 3V
V- = 0V
0
1.0
0.5
2.0
1.5
2.5
3.0
0
2
3
4
1
5
7
6
8
9 10 11 12
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
V+ (V)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0.1
10
1000
1
100
FREQUENCY RESPONSE
MAX4529-10
FREQUENCY (MHz)
ON LOSS
ON PHASE
OFF ISOLATION
100
0.1
10
1k
10k
30k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
1
10
FREQUENCY (Hz)
100
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, packages are surface mount, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com