Electronic Components Datasheet Search
  English  ▼

X  

MAX4529ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4529ESA
Description  Low-Voltage, Bidirectional RF/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4529ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4529ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4529ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Voltage, Bidirectional
RF/Video Switch
_______________________________________________________________________________________
7
Pin Description
6
FUNCTION*
SOT23-6
NAME
Analog Switch Common** Terminal. Analog signal voltages should never exceed
V+ or V-.
—
7
Not Internally Connected
PIN
1
COM
Analog Switch Normally Closed** Terminal
2
Positive Supply-Voltage Input (analog and digital). The voltage difference between
V+ and V- should never exceed 12V.
5
RF and Logic Ground. Connect to ground plane.
3
-5V Supply Input. Connect to GND for single-supply operation.
DIP/SO/µMAX
1, 6
2
8
3
5
N.C.
NC
V+
GND
V-
*
All pins except N.C. have ESD diodes to V- and V+.
**
NC and COM pins are identical and interchangeable. Either may be considered as an input or output; signals pass equally well in
either direction.
Theory of Operation
Logic-Level Translators
The MAX4529 is constructed as a high-frequency “T”
switch, as shown in Figure 1. The logic-level input, IN,
is translated by amplifier A1 into a V+ to V- logic signal
that drives inverter A2. Amplifier A2 drives the gates of
N-channel MOSFETs N1 and N2 from V+ to V-, turning
them fully on or off. The same signal drives inverter A3
(which drives the P-channel MOSFETs P1 and P2) from
V+ to V-, turning them fully on or off, and drives the N-
channel MOSFET N3 off and on.
The logic-level threshold is determined by V+ and
GND. The voltage on GND is usually at ground poten-
tial, but it may be set to any voltage between
(V+ - 2V) and V-. When the voltage between V+ and
GND is less than 2V, the level translators become very
slow and unreliable. Normally, GND should be connect-
ed to the ground plane.
Switch On Condition
When the switch is on, MOSFETs N1, N2, P1, and P2
are on and MOSFET N3 is off. The signal path is COM to
NC, and because both N-channel and P-channel
MOSFETs act as pure resistances, it is symmetrical (i.e.,
signals may pass in either direction). The off MOSFET,
N3, has no DC conduction, but has a small amount of
capacitance to GND. The four on MOSFETs also have
capacitance to ground that, together with the series
resistance, forms a lowpass filter. All of these capaci-
tances are distributed evenly along the series resis-
tance, so they act as a transmission line rather than a
simple R-C filter. This helps to explain the exceptional
300MHz bandwidth when the switches are on.
Typical attenuation in 50
Ω systems is -2dB and is rea-
sonably flat up to 100MHz. Higher-impedance circuits
show even lower attenuation (and vice versa), but
slightly lower bandwidth due to the increased effect of
the internal and external capacitance and the switch’s
internal resistance.
A1
A2
A3
S
S
P1
N3
D
D
D
N1
V-
GND
IN
V+
V+
V-
COM
NC
S
D
N2
S
S
P2
D
NORMALLY CLOSED SWITCH CONSTRUCTION
COM - NC
IN
0
1
ON
OFF
ESD DIODES
ON GND, IN,
COM, AND NC
Figure 1. T-Switch Construction
4
Logic-Level Control Input. Logic-level voltages should never exceed V+ or V-.
4
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com