Electronic Components Datasheet Search
  English  ▼

X  

MAX4536C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4536C/D
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4536C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Power-Supply Considerations
Overview
The MAX4536/MAX4537/MAX4538 construction is typi-
cal of most CMOS analog switches. These devices have
three supply pins: V+, V-, and GND. V+ and V- drive the
internal CMOS switches and set the limits of the analog
voltage on any switch. Reverse ESD-protection diodes
are internally connected between each analog-signal
pin, and both V+ and V-. One of these diodes conducts
if any analog signal exceeds V+ or V-. These reverse-
biased ESD diodes leak during normal operation, form-
ing the only current drawn from V+ or V-.
Virtually all the analog leakage current is through the
ESD diodes. Although the ESD diodes on a given sig-
nal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by
either V+ or V- and the analog signal. This means their
leakages vary as the signal varies. The
difference in the
two diode leakages from the signal path to the V+ and
V- pins constitutes the analog-signal path leakage cur-
rent. All analog leakage current flows to the supply ter-
minals, not to the other switch terminal. This explains
how both sides of a given switch can show leakage
currents of either the same or opposite polarity.
There is no connection between the analog-signal
paths and GND. The analog-signal paths consist of an
N-channel and P-channel MOSFET with their sources
and drains paralleled and their gates driven out of
phase to V+ and V- by the logic-level translators.
V+ and GND power the internal logic and logic-level
translators and set the input logic thresholds. The
logic-level translators convert the logic levels to
switched V+ and V- signals to drive the analog switch-
es’ gates. This drive signal is the only connection
between the logic supplies and the analog supplies.
V+, and V- have ESD-protection diodes to GND. The
logic-level inputs have ESD protection to V+ and to V-.
Increasing V- has no effect on the logic-level thresh-
olds, but it does increase the drive to the P-channel
switches, reducing their on-resistance. V- also sets the
negative limit of the analog-signal voltage.
The logic-level thresholds are CMOS/TTL-compatible
when V+ is +5V. The threshold increases slightly as V+
is raised. When V+ reaches +12V, the level threshold is
about 3.1V, above the TTL output high-level minimum
of 2.8V, but still compatible with CMOS outputs.
Bipolar Supplies
The MAX4536/MAX4537/MAX4538 operate with bipolar
supplies between ±2.0V and ±6V. The V+ and V- sup-
plies need not be symmetrical, but their sum cannot
exceed the absolute maximum rating of 13.0V. Do not
connect the MAX4536/MAX4537/MAX4538’s V+ to
+3V and then connect the logic-level input pins to
TTL logic-level signals. TTL logic-level outputs in
excess of the absolute maximum ratings can dam-
age the part and/or external circuits.
CAUTION: The absolute maximum V+ to V- differen-
tial voltage is 13.0V. Typical ±6V or +12V supplies
with ±10% tolerances can be as high as 13.2V. This
voltage can damage the MAX4536/MAX4537/MAX4538.
Even ±5% tolerance supplies may have overshoot or
noise spikes that exceed 13.0V.
Single Supplies
The MAX4536/MAX4537/MAX4538 operate from single
supplies between +2.0V and +12V when V- is connect-
ed to GND. All of the bipolar precautions must be
observed.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks that are highly layout dependent. The problem
with high-frequency operation is not in turning the
switch on, but in turning it off. The off-state switch acts
like a capacitor and passes higher frequencies with
less attenuation. At 10MHz, off-isolation is about -44dB
in 50
Ω systems, becoming worse (approximately 20dB
per decade) as frequency increases. Higher circuit
impedances also make off-isolation worse. Adjacent
channel attenuation is about 3dB above that of a bare
IC socket, and is due entirely to capacitive coupling.
Quad, Low-Voltage,
SPST Analog Switches with Enable
8
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com