Electronic Components Datasheet Search
  English  ▼

X  

MAX4536C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4536C/D
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4536C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_________________General Description
The MAX4536/MAX4537/MAX4538 are quad, low-voltage,
single-pole/single-throw (SPST) analog switches with a
common enable pin. They are pin compatible with the
industry-standard 74HC4316. The MAX4536 has four
normally open (NO) switches, and the MAX4537 has
four normally closed (NC) switches. The MAX4538 has
two NO switches and two NC switches.
These switches operate from a +2V to +12V single supply,
or from ±2V to ±6V dual supplies. On-resistance
(200
Ω max) is matched between switches to 4Ω (max)
and is flat (10
Ω max) over the specified signal range.
Each switch can handle rail-to-rail analog signals. The
off-leakage current is only 1nA at +25°C and 10nA at
+85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply or dual ±5V supplies.
__________________________Applications
Battery-Operated Equipment
Low-Voltage Data Acquisition
Test Equipment
Avionics
Portable Equipment
Audio-Signal Routing
Networking
______________________________Features
o Pin Compatible with 74HC4316
o ±2.0V to ±6V Dual Supplies
+2.0V to +12V Single Supply
o Four Separately Controlled SPST Switches
with Common Enable
o 100
Ω Signal Paths with Dual ±5V Supplies
200
Ω Signal Paths with Single +4.5V Supply
o Rail-to-Rail Signal Handling
o tON and tOFF = 100ns and 80ns at ±4.5V Supply
o Less than 1µW Power Consumption
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs
o Small Packages: PDIP, QSOP, Narrow SO
Quad, Low-Voltage,
SPST Analog Switches with Enable
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
IN1
IN4
COM4
COM2
NO2
NO1
COM1
NO4
NO3
COM3
V-
GND
EN
IN3
IN2
DIP/SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
IN1
IN4
COM4
COM2
NC2
NC1
COM1
NC4
NC3
COM3
V-
GND
EN
IN3
IN2
DIP/SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
IN1
IN4
COM4
COM2
NC2
NO1
COM1
NO4
NC3
COM3
SWITCHES SHOWN FOR LOGIC “0” INPUT
V-
GND
EN
IN3
IN2
DIP/SO/QSOP
MAX4538
MAX4538
0
0
1
SWITCHES
1, 4
SWITCHES
2, 3
0
1
X
OFF
ON
OFF
ON
OFF
OFF
MAX4536
0
0
1
EN
SWITCH_
IN_
0
1
X
OFF
ON
OFF
MAX4537
0
0
1
SWITCH_
0
1
X
ON
OFF
OFF
EN
IN_
EN
IN_
MAX4536
MAX4537
________________________Pin Configurations/Functional Diagrams/Truth Tables
19-1148; Rev 0; 11/96
PART
MAX4536CPE
MAX4536CSE
MAX4536CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 QSOP
________________Ordering Information
Ordering Information continued at end of data sheet.
*
Contact factory for availability.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX4536C/D
0°C to +70°C
Dice*
MAX4536EPE
MAX4536ESE
MAX4536EEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP


Similar Part No. - MAX4536C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4530 MAXIM-MAX4530 Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530-MAX4532 MAXIM-MAX4530-MAX4532 Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530C/D MAXIM-MAX4530C/D Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530CAP MAXIM-MAX4530CAP Datasheet
148Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
More results

Similar Description - MAX4536C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com