Electronic Components Datasheet Search
  English  ▼

X  

MAX4536C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4536C/D
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4536C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5
Quad, Low-Voltage,
SPST Analog Switches with Enable
_______________________________________________________________________________________
3
V- = -5.5V
V+ = 5.5V, all VIN_ = 0V or V+
VCOM_ = GND, f = 1MHz
VNO_ = GND, f = 1MHz
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz
CL = 1.0nF, VNO_ = 0V, RS = 0Ω
VCOM_ = ±3V, V+ = 5.5V,
V- = -5.5V (Figure 2)
VCOM_ = ±3V, V+ = 4.5V,
V- = -4.5V (Figure 1)
VCOM_ = ±3V, V+ = 4.5V,
V- = -4.5V (Figure 1)
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz
VCOM_ = VNO_ = GND, f = 1MHz
CONDITIONS
µA
-10
10
I-
V- Supply Current
-1
0.05
1
µA
-10
10
I+
V+ Supply Current
-1
0.05
1
V
-6
6
V+, V-
Power-Supply Range
dB
-75
VCT
Channel-to-Channel Crosstalk
(Note 9, Figure 5)
dB
-65
VISO
Off-Isolation (Note 8, Figure 4)
pF
6
CCOM_(ON)
COM_ On-Capacitance (Figure 7)
35
100
pF
2
CCOM_(OFF)
COM_ Off-Capacitance (Figure 6)
pF
2
CN_(OFF)
NO_, NC_ Off-Capacitance
(Figure 6)
pC
15
Q
Charge Injection (Figure 3)
ns
515
tBBM
Break-Before-Make Time Delay
(MAX4538 Only)
ns
125
tON
Turn-On Time
15
50
ns
60
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
+25°C
C, E
+25°C
C, E
+25°C
C, E
+25°C
+25°C
+25°C
+25°C
+25°C
C, E
+25°C
C, E
+25°C
+25°C
TA
ELECTRICAL CHARACTERISTICS—±5V Dual Supplies (continued)
(V+ = 4.5V to 5.5V, V- = -4.5V to -5.5V, VINH = 2.4V, VINL = 0.8V, V EN = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com