Electronic Components Datasheet Search
  English  ▼

X  

MAX4536C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4536C/D
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4536C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4536C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Quad, Low-Voltage,
SPST Analog Switches with Enable
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V GND = 0V, TA = +25°C, unless otherwise noted.)
150
50
12
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
70
130
VCOM (V)
03
4
110
90
140
60
120
100
80
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
100
10
±2
±3
±4
±5
ON/OFF TIME vs. SUPPLY VOLTAGE
(DUAL SUPPLIES)
20
80
SUPPLY VOLTAGE (V)
±6
60
40
90
70
50
30
tON
tOFF
10
0.0001
-75 -50 -25 0
75 100
175
ON/OFF LEAKAGE CURRENT
vs. TEMPERATURE
0.0010
1.0
TEMPERATURE (°C)
25 50
125 150
0.1
0.01
ON LEAKAGE
OFF LEAKAGE
1.0
0.00001
-75 -50 -25
0
75 100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
0.0001
0.1
TEMPERATURE (°C)
25
50
125 150
0.01
0.001
I (V+)
I (V-)
200
0
20
40
-5
-3
1
5
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
60
80
100
140
160
180
120
VCOM (V)
-1
3
-4
-2
2
04
V± = ±5.0V
V± = ±3.0V
V± = ±2.0V
V± = ±2.5V
V± = ±1.5V
80
30
-5
-4
-3
-2
1
2
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
40
70
VCOM (V)
-1
0
3
4
60
50
75
35
65
55
45
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
10,000
10
02
6
10
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
100
1000
VCOM (V)
48
13
7
59
V+ = 1.5V
V+ = 2.0V
V+ = 2.5V
V+ = 3.0V
V+ = 5.0V
V+ = 9.0V
V- = 0V
50
0
-75 -50
25
50
150
ON/OFF TIME
vs. TEMPERATURE
10
40
TEMPERATURE (°C)
-25
0
75 100 125
30
20
tOFF
tON
2
-2
-5
-4
-3
-2
1
2
5
CHARGE INJECTION vs. VCOM
0
VCOM (V)
-1
0
3
4
-1
1
SINGLE SUPPLY
DUAL SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com