Electronic Components Datasheet Search
  English  ▼

X  

MAX4558EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4558EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4558EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4558EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
Pin Description
40
50
70
60
80
90
100
110
-40
0
-20
20
40
60
80
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
tON
tOFF
VCC = +5V
VEE = -5V
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0.025
0.024
0.018
0.019
0.022
0.021
0.020
0.023
VCC = +5V
VEE = -5V
600
Ω IN AND OUT
10k
100k
1M
10M
100M
1G
FREQUENCY RESPONSE
FREQUENCY (Hz)
0
-100
-70
-40
-20
-10
-60
-90
-50
-80
-30
INSERTION LOSS
CROSSTALK
OFF-ISOLATION
VCC = +5V
VEE = -5V
X0–X7
—
Analog Switch Inputs 0–7
—
1, 2, 4, 5,
12–15
X
—
X0, X1, X2, X3
—
Analog Switch “X” Inputs 0–3
11, 12, 14, 15
—
Analog Switch Output
—
3
X
14
X1
13
Analog Switch “X” Normally Open Input
—
—
X0
12
Y1
1
Analog Switch “C” Normally Open Input
—
—
Analog Switch “X” Normally Closed Input
—
—
Analog Switch “X” Output
13
—
Y0
2
ENABLE
6
Digital Enable Input. Connect to GND to enable device. Drive
high to set all switches off.
6
6
VEE
7
GND
8
Ground
8
8
Negative Analog Supply Voltage Input. Connect to GND for
single-supply operation.
7
7
A
11
B
10
Digital Address “B” Input
9
10
C
9
Y0, Y1, Y2, Y3
—
Analog Switch “Y” Inputs 0–3
Analog Switch “C” Normally Closed Input
—
—
1, 2, 4, 5
—
Digital Address “C” Input
—
9
Digital Address “A” Input
10
11
Y
15
Analog Switch “Y” Output
3
—
Z1
3
Analog Switch “Z” Normally Open Input
—
—
Z0
5
Analog Switch “Z” Normally Closed Input
—
—
VCC
16
Positive Analog and Digital Supply Voltage Input
16
16
Z
4
Analog Switch “Z” Output
—
—
PIN
MAX4558
MAX4559
MAX4560
NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com